Electronic Components Datasheet Search
  English  ▼

X  

MCP6V94 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6V94
Description  Temperature Measurement
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V94 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6V94 Datasheet HTML 1Page - Microchip Technology MCP6V94 Datasheet HTML 2Page - Microchip Technology MCP6V94 Datasheet HTML 3Page - Microchip Technology MCP6V94 Datasheet HTML 4Page - Microchip Technology MCP6V94 Datasheet HTML 5Page - Microchip Technology MCP6V94 Datasheet HTML 6Page - Microchip Technology MCP6V94 Datasheet HTML 7Page - Microchip Technology MCP6V94 Datasheet HTML 8Page - Microchip Technology MCP6V94 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
MCP6V91/1U/2/4
DS20005434B-page 2
 2015-2016 Microchip Technology Inc.
Typical Application Circuit
Figures 1 and 2 show input offset voltage of the single-
channel device MCP6V91 versus ambient temperature
for different power supply voltages.
FIGURE 1:
Input Offset Voltage vs.
Ambient Temperature with VDD =2.4V.
FIGURE 2:
Input Offset Voltage vs.
Ambient Temperature with VDD =5.5V.
As seen in Figures 1 and 2, the MCP6V91/1U op amps
have excellent performance across temperature.
The input offset voltage temperature drift (TC1) shown
is well within the specified maximum values of
17 nV/°C at VDD = 5.5V and 24 nV/°C at VDD =2.4V.
This performance supports applications with stringent
DC precision requirements. In many cases, it will not be
necessary to correct for temperature effects (i.e.,
calibrate) in a design. In the other cases, the correction
will be small.
U1
MCP6XXX
Offset Voltage Correction for Power Driver
C2
R2
R1
R3
VDD/2
R4
VIN
VOUT
R2
VDD/2
R5
U2
MCP6V91
-
+
-
+
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
255075
100
125
Ambient Temperature (°C)
26 Samples
V
DD = 2.4V
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
255075
100
125
Ambient Temperature (°C)
26 Samples
V
DD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com