Electronic Components Datasheet Search
  English  ▼

X  

MCP651 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP651
Description  Unity-Gain Stable
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP651 Datasheet HTML 20Page - Microchip Technology MCP651 Datasheet HTML 21Page - Microchip Technology MCP651 Datasheet HTML 22Page - Microchip Technology MCP651 Datasheet HTML 23Page - Microchip Technology MCP651 Datasheet HTML 24Page - Microchip Technology MCP651 Datasheet HTML 25Page - Microchip Technology MCP651 Datasheet HTML 26Page - Microchip Technology MCP651 Datasheet HTML 27Page - Microchip Technology MCP651 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
MCP651/1S/2/3/4/5/9
DS20002146D-page 24
 2009-2014 Microchip Technology Inc.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the Common
mode voltage (VCM) is below ground (VSS); see
Figure 2-15. Applications that are high-impedance may
need to limit the usable voltage range.
4.2.3
NORMAL OPERATION
The input stage of the MCP651/1S/2/3/4/5/9 op amps
uses a differential PMOS input stage. It operates at low
Common mode input voltage (VCM), with VCM up to
VDD – 1.3V and down to VSS – 0.3V. The input offset
voltage (VOS) is measured at VCM =VSS –0.3V and
VDD – 1.3V to ensure proper operation. See Figure 2-6
and Figure 2-7 for temperature effects.
When operating at very low non-inverting gains, the
output voltage is limited at the top by the VCM range
(< VDD –1.3V); see Figure 4-5.
FIGURE 4-5:
Unity-Gain Voltage
Limitations for Linear Operation.
4.3
Rail-to-Rail Output
4.3.0.1
Maximum Output Voltage
The Maximum Output Voltage (see Figure 2-16 and
Figure 2-17) describes the output range for a given
load. For instance, the output voltage swings to within
15 mV of the negative rail with a 1 k
 load tied to
VDD/2.
4.3.0.2
Output Current
Figure 4-6 shows the possible combinations of output
voltage (VOUT) and output current (IOUT). IOUT is
positive when it flows out of the op amp into the
external circuit.
FIGURE 4-6:
Output Current.
VIN
MCP65X
VDD
VOUT
V
SS
V
IN
V
OUT
V
DD
1.3V
–
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT (mA)
RL = 10Ω
RL = 100Ω
RL = 1 kΩ
VOH Limited
VOL Limited
(VDD = 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com