Electronic Components Datasheet Search
  English  ▼

X  

MCP4822 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP4822
Description  SPI Interface with 20 MHz Clock Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4822 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP4822 Datasheet HTML 27Page - Microchip Technology MCP4822 Datasheet HTML 28Page - Microchip Technology MCP4822 Datasheet HTML 29Page - Microchip Technology MCP4822 Datasheet HTML 30Page - Microchip Technology MCP4822 Datasheet HTML 31Page - Microchip Technology MCP4822 Datasheet HTML 32Page - Microchip Technology MCP4822 Datasheet HTML 33Page - Microchip Technology MCP4822 Datasheet HTML 34Page - Microchip Technology MCP4822 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 31
MCP4802/4812/4822
6.9
Building Programmable Current
Source
Example 6-6
shows
an
example
of
building
a
programmable current source using a voltage follower.
The current sensor (sensor resistor) is used to convert
the DAC voltage output into a digitally-selectable
current source.
Adding the resistor network from Example 6-2 would
be advantageous in this application. The smaller
RSENSE is, the less power dissipated across it.
However, this also reduces the resolution that the
current can be controlled with. The voltage divider, or
“window”, DAC configuration would allow the range to
be reduced, thus increasing resolution around the
range of interest. When working with very small sensor
voltages, plan on eliminating the amplifier’s offset error
by storing the DAC’s setting under known sensor
conditions.
EXAMPLE 6-6:
DIGITALLY-CONTROLLED CURRENT SOURCE
DAC
RSENSE
Ib
Load
IL
VDD
SPI
3-wire
VCC+
VCC–
VOUT
I
L
V
OUT
R
sense
---------------
1
+
-------------
=
I
b
I
L
----
=
Common-Emitter Current Gain
where
VDD or VREF
(a) Single Output DAC:
MCP4801
MCP4811
MCP4821
(b) Dual Output DAC:
MCP4802
MCP4812
MCP4822
G
=
Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4801/MCP4802
=
Digital value of DAC (0-1023) for MCP4811/MCP4812
=
Digital value of DAC (0-4095) for MCP4821/MCP4822
N
=
DAC bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com