Electronic Components Datasheet Search
  English  ▼

X  

CFH120 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CFH120
Description  Preliminary Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH120 Datasheet(HTML) 3 Page - Infineon Technologies AG

  CFH120 Datasheet HTML 1Page - Infineon Technologies AG CFH120 Datasheet HTML 2Page - Infineon Technologies AG CFH120 Datasheet HTML 3Page - Infineon Technologies AG CFH120 Datasheet HTML 4Page - Infineon Technologies AG CFH120 Datasheet HTML 5Page - Infineon Technologies AG CFH120 Datasheet HTML 6Page - Infineon Technologies AG CFH120 Datasheet HTML 7Page - Infineon Technologies AG CFH120 Datasheet HTML 8Page - Infineon Technologies AG CFH120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GaAs HEMT
CFH120
________________________________________________________________________________________________________
Infineon Technologies AG
page 3/20
Wireless Solutions
Rev. 3.0/January 11
th, 2002
WS TI DS 12
Typical Measured Data CFH120-06
Common Source Noise – Parameters (VDD=2V, ID=10mA, Z0=50
Ω)
Freq
[GHz]
Mag
Phase
2.0
0.842
27.2
4.0
0.720
55.0
6.0
0.612
82.6
8.0
0.499
126.8
10.0
0.413
-173.1
12.0
0.450
-120.8
14.0
0.582
-90.9
Fmin
Ga
Γ
opt
Rn/Z0
0.60
[dB]
0.35
0.38
0.40
[dB]
0.43
0.47
0.51
0.039
0.060
0.134
0.375
0.256
0.155
0.080
13.7
12.6
11.7
20.8
17.9
16.2
14.8
Noise figure/associated gain @
Γ
opt
Equivalent noise resistance
2
4
6
8
10
12
14
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
freq, GHz
2
4
6
8
10
12
14
0
5
10
15
20
freq, GHz
Optimum source reflection coefficient
Noise and gain circles at 12GHz
freq (2.000GHz to 14.00GHz)
freq=12GHz
noise circles: 0.52dB, 0.55dB,0.6dB
gain circles: 12dB, 13dB, 14dB
cir_pts (0.000 to 51.000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com