Electronic Components Datasheet Search
  English  ▼

X  

LM3710 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3710
Description  Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3710 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3710 Datasheet HTML 1Page - National Semiconductor (TI) LM3710 Datasheet HTML 2Page - National Semiconductor (TI) LM3710 Datasheet HTML 3Page - National Semiconductor (TI) LM3710 Datasheet HTML 4Page - National Semiconductor (TI) LM3710 Datasheet HTML 5Page - National Semiconductor (TI) LM3710 Datasheet HTML 6Page - National Semiconductor (TI) LM3710 Datasheet HTML 7Page - National Semiconductor (TI) LM3710 Datasheet HTML 8Page - National Semiconductor (TI) LM3710 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM3710/LM3711
Microprocessor Supervisory Circuits with Power Fail
Input, Low Line Output, Manual Reset and Watchdog
Timer
General Description
The LM3710/LM3711 series of microprocessor supervisory
circuits provide the maximum flexibility for monitoring power
supplies and battery controlled functions in systems without
backup batteries. The LM3710/LM3711 series are available
in MSOP-10 and 9-bump micro SMD packages.
Built-in features include the following:
Reset: Reset is asserted during power-up, power-down, and
brownout conditions. RESET is guaranteed down to V
CC of
1.0V.
Manual Reset Input: An input that asserts reset when pulled
low.
Power-Fail Input: A 1.225V threshold detector for power fail
warning, or to monitor a power supply other than V
CC.
Low Line Output: This early power failure warning indicator
goes low when the supply voltage drops to a value which is
2% higher than the reset threshold voltage.
Watchdog Timer: The WDI (Watchdog Input) monitors one of
the µP’s output lines for activity. If no output transition occurs
during the watchdog timeout period, reset is activated.
Features
n
Standard Reset Threshold voltage: 3.08V
n
Custom Reset Threshold voltages: For other voltages
between 2.2V and 5.0V in 10mV increments, contact
National Semiconductor Corp.
n
No external components required
n
Manual-Reset input
n
RESET (LM3710) or RESET (LM3711) outputs
n
Precision supply voltage monitor
n
Factory programmable Reset and Watchdog Timeout
Delays
n
Separate Power Fail comparator
n
Available in micro SMD package for minimum footprint
n ±
0.5% Reset threshold accuracy at room temperature
n ±
2% Reset threshold accuracy over temperature
extremes
n
Reset assertion down to 1V V
CC (RESET option only)
n
28 µA V
CC supply current
Applications
n
Embedded Controllers and Processors
n
Intelligent Instruments
n
Automotive Systems
n
Critical µP Power Monitoring
Typical Application
20011803
June 2002
© 2002 National Semiconductor Corporation
DS200118
www.national.com


Similar Part No. - LM3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37100D-1.5V HTC-LM37100D-1.5V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37100D-1.8V HTC-LM37100D-1.8V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37100D-2.5V HTC-LM37100D-2.5V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Similar Description - LM3710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com