Electronic Components Datasheet Search
  English  ▼

X  

MCP79411 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP79411
Description  Dual Programmable Alarms
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 39Page - Microchip Technology MCP79411 Datasheet HTML 40Page - Microchip Technology MCP79411 Datasheet HTML 41Page - Microchip Technology MCP79411 Datasheet HTML 42Page - Microchip Technology MCP79411 Datasheet HTML 43Page - Microchip Technology MCP79411 Datasheet HTML 44Page - Microchip Technology MCP79411 Datasheet HTML 45Page - Microchip Technology MCP79411 Datasheet HTML 46Page - Microchip Technology MCP79411 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
 2010-2016 Microchip Technology Inc.
DS20002266H-page 43
MCP79410/MCP79411/MCP79412
6.3
Protected EEPROM
The MCP7941X features a 64-bit protected EEPROM
block that requires a special unlock sequence to be
followed in order to write to the memory. Note that
reading from the memory does not require the unlock
sequence to be performed. The protected EEPROM
can be used for storing crucial information such as a
unique serial number. The MCP79411 and MCP79412
include an EUI-48 and EUI-64 node address,
respectively, pre-programmed into the protected
EEPROM block. Custom programming is also
available.
The protected EEPROM block is located at addresses
0xF0 to 0xF7 and is accessed using the ‘1010111X’
control byte.
6.3.1
PROTECTED EEPROM UNLOCK
SEQUENCE
The protected EEPROM block requires a special
unlock sequence to prevent unintended writes, utilizing
the EEUNLOCK register. The EEUNLOCK register is
not a physical register; it is used exclusively in the
EEPROM write sequence. Reading from EEUNLOCK
will read all 0’s.
To unlock the block, the following sequence must be
followed:
1.
Write 0x55 to the EEUNLOCK register
2.
Write 0xAA to the EEUNLOCK register
3.
Write the desired data bytes to the EEPROM
Figure 6-12 illustrates the sequence.
The entire EEPROM block does not have to be written
in a single operation. However, the block is locked after
each write operation and must be unlocked again to
start a new Write command.
FIGURE 6-12:
PROTECTED EEPROM UNLOCK AND SEQUENTIAL WRITE
Note:
Attempts to access invalid addresses
(Figure 5-1) will result in the MCP7941X
not acknowledging the address.
Note 1:
Diverging from any step of the unlock
sequence may result in the EEPROM
remaining locked and the write operation
being ignored.
2:
Unlocking the EEPROM is not required in
order to read from the memory.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
S 11 01
0
1
P
0
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA BYTE 0
S
T
O
P
A
C
K
A
C
K
A
C
K
DATA BYTE n
A
C
K
S 10 1 0
0
P
1
000 1 0 0 1
0 10 101 0 1
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
S 11 0 1
0
1
P
0 0 00 10 01
1 0 1 010 10
11 10
11 1
11
11
1. Write 0x55 to
EEUNLOCK
2. Write 0xAA to
EEUNLOCK
3. Write Data to
EEPROM
Register
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com