Electronic Components Datasheet Search
  English  ▼

X  

MCP79410 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP79410
Description  Dual Programmable Alarms
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79410 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP79410 Datasheet HTML 24Page - Microchip Technology MCP79410 Datasheet HTML 25Page - Microchip Technology MCP79410 Datasheet HTML 26Page - Microchip Technology MCP79410 Datasheet HTML 27Page - Microchip Technology MCP79410 Datasheet HTML 28Page - Microchip Technology MCP79410 Datasheet HTML 29Page - Microchip Technology MCP79410 Datasheet HTML 30Page - Microchip Technology MCP79410 Datasheet HTML 31Page - Microchip Technology MCP79410 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
MCP79410/MCP79411/MCP79412
DS20002266H-page 28
 2010-2016 Microchip Technology Inc.
5.5.1
SQUARE WAVE OUTPUT MODE
The MCP7941X can be configured to generate a
square wave clock signal on MFP. The input clock
frequency, FOSC, is divided according to the
SQWFS<1:0> bits as shown in Table 5-8.
The square wave output is not available when
operating from the backup power supply.
TABLE 5-8:
CLOCK OUTPUT RATES
5.5.2
ALARM INTERRUPT OUTPUT
MODE
The MFP will provide an interrupt output when enabled
alarms match and the square wave clock output is
disabled. This prevents the user from having to poll the
alarm interrupt flag to check for a match.
The alarm interrupt output is available when operating
from the backup power supply.
The ALMxIF flags control when the MFP is asserted, as
described in the following sections.
5.5.2.1
Single Alarm Operation
When only one alarm module is enabled, the MFP output
is based on the corresponding ALMxIF flag and the
ALMPOL flag. If ALMPOL = 1, the MFP output reflects
the value of the ALMxIF flag. If ALMPOL = 0, the MFP
output reflects the inverse of the ALMxIF flag (Table 5-9).
TABLE 5-9:
SINGLE ALARM OUTPUT
TRUTH TABLE
5.5.2.2
Dual Alarm Operation
When both alarm modules are enabled, the MFP
output is determined by a combination of the ALM0IF,
ALM1IF, and ALMPOL flags.
If ALMPOL = 1, the ALM0IF and ALM1IF flags are
OR’d together and the result is output on MFP. If
ALMPOL = 0, the ALM0IF and ALM1IF flags are AND’d
together, and the result is inverted and output on MFP
(Table 5-10). This provides the user with flexible
options for combining alarms.
TABLE 5-10:
DUAL ALARM OUTPUT
TRUTH TABLE
5.5.3
GENERAL PURPOSE OUTPUT
MODE
If the square wave clock output and both alarm
modules are disabled, the MFP acts as a general
purpose output. The output logic level is controlled by
the OUT bit.
The general purpose output is not available when
operating from the backup power supply.
Note:
All of the clock output rates are affected by
digital trimming except for the 1:1
postscaler value (SQWFS<1:0> = 00).
SQWFS<1:0>
Postscaler
Nominal
Frequency(1)
00
1:1
32.768 kHz
01
1:4
8.192 kHz
10
1:8
4.096 kHz
11
1:32.768
1 Hz
Note 1:
Nominal frequency assumes FOSC is
32.768 kHz.
ALMPOL
ALMxIF(1)
MFP
00
1
01
0
10
0
11
1
Note 1:
ALMxIF refers to the interrupt flag
corresponding to the alarm module that is
enabled.
Note:
If ALMPOL = 0 and both alarms are
enabled, the MFP will only assert when
both ALM0IF and ALM1IF are set.
ALMPOL
ALM0IF
ALM1IF
MFP
0001
0011
0101
0110
1000
1011
1101
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com