Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 19 Page - Microchip Technology

Part # MGC3130
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology MGC3130 Datasheet HTML 22Page - Microchip Technology MGC3130 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
 2012-2015 Microchip Technology Inc.
Advance Information
DS40001667D-page 19
MGC3030/3130
4.2.2
POWER SUPERVISORS
During the Power-up sequence, the system is kept
under Reset condition for approximately 200 µs (Reset
delay: tRSTDLY) after the VDD =1.5V voltage is reached
(1.2V minimum). During this delay, the system Reset
will remain low and the VDD should reach typically 2V.
When the Reset delay is elapsed, the system Reset is
released (high) and the system starts the Power-up/
Time-out (tPWRT) sequence. The system start depends
on the used VDD voltage. The Power-up/Time-out
period (tPWRT) after Reset takes 36 LSO cycles. (see
Table 4-3).
The system starts when (see Figure 4-4):
• Power-up/Time-out period (tPWRT) is elapsed
•VDD = 3.3V is already reached before the end of
tPWRT timing
The power-up sequence begins by increasing the
voltage on the VDD pin (from 0V). If the slope of the VDD
rise time is faster than 4.5 V/ms, the system starts
correctly.
If the slope is less than 4.5 V/ms, the MCLR pin must
be held low, by external circuitry, until a valid operating
VDD level is reached.
FIGURE 4-4:
POWER SUPERVISORS
MCLR
1.5V
VDD
time
3.3V
t1: tRSTDLY: Reset delay typically 200 μs, 120 μs minimum
t2: tPWRT: Power-up Time-out
2V
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com