Electronic Components Datasheet Search
  English  ▼

X  

RE46C166 Datasheet(PDF) 27 Page - Microchip Technology

Part # RE46C166
Description  Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C166 Datasheet(HTML) 27 Page - Microchip Technology

Back Button RE46C166 Datasheet HTML 22Page - Microchip Technology RE46C166 Datasheet HTML 23Page - Microchip Technology RE46C166 Datasheet HTML 24Page - Microchip Technology RE46C166 Datasheet HTML 25Page - Microchip Technology RE46C166 Datasheet HTML 26Page - Microchip Technology RE46C166 Datasheet HTML 27Page - Microchip Technology RE46C166 Datasheet HTML 28Page - Microchip Technology RE46C166 Datasheet HTML 29Page - Microchip Technology RE46C166 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2010-2016 Microchip Technology Inc.
DS20002251B-page 27
RE46C165/6/7/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
/X
Package
Device
Device:
RE46C165:
CMOS Photoelectric Smoke Detector ASIC
RE46C165T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
RE46C165/7: CMOS Photoelectric Smoke Detector ASIC
RE46C165/7T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
RE46C166/8: CMOS Photoelectric Smoke Detector ASIC
RE46C166/8T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
RE46C165/6: CMOS Photoelectric Smoke Detector ASIC
RE46C165/6T: CMOS Photoelectric Smoke Detector ASIC
(Tape and Reel, SOIC only)
Tape and
Reel Option:
T = Tape and Reel(1)
Package:
E
S
= Plastic Dual In-Line, 300 mil. Body, 16-Lead (PDIP)
= Small Plastic Outline – Narrow, 3.90 mm Body,
16-Lead (SOIC)
Examples:
a)
RE46C165E16F:
16LD PDIP Package,
Lead-Free
b)
RE46C165S16F:
16LD SOIC Package,
Lead-Free
c)
RE46C165S16TF: 16LD SOIC Package,
Tape and Reel, Lead-Free
a)
RE46C166E16F:
16LD PDIP Package,
Lead-Free
b)
RE46C166S16F:
16LD SOIC Package,
Lead-Free
c)
RE46C166S16TF: 16LD SOIC Package,
Tape and Reel, Lead-Free
a)
RE46C167E16F:
16LD PDIP Package,
Lead-Free
b)
RE46C167S16F:
16LD SOIC Package,
Lead-Free
c)
RE46C167S16TF: 16LD SOIC Package,
Tape and Reel, Lead-Free
a)
RE46C168E16F:
16LD PDIP Package,
Lead-Free
b)
RE46C168S16F:
16LD SOIC Package,
Lead-Free
c)
RE46C168S16TF: 16LD SOIC Package,
Tape and Reel, Lead-Free
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
XX
Number
of Pins
X(1)
Tape
and Reel
X
Lead
Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com