Electronic Components Datasheet Search
  English  ▼

X  

VP2450 Datasheet(PDF) 5 Page - Microchip Technology

Part # VP2450
Description  Ease of Paralleling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VP2450 Datasheet(HTML) 5 Page - Microchip Technology

  VP2450 Datasheet HTML 1Page - Microchip Technology VP2450 Datasheet HTML 2Page - Microchip Technology VP2450 Datasheet HTML 3Page - Microchip Technology VP2450 Datasheet HTML 4Page - Microchip Technology VP2450 Datasheet HTML 5Page - Microchip Technology VP2450 Datasheet HTML 6Page - Microchip Technology VP2450 Datasheet HTML 7Page - Microchip Technology VP2450 Datasheet HTML 8Page - Microchip Technology VP2450 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2016 Microchip Technology Inc.
DS20005569A-page 5
VP2450
FIGURE 2-7:
V
DS (volts)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
-10
-20
-30
-40
-50
V
GS = -10V
V
GS = -4.5V
V
GS = -3.5V
V
GS = -6.0V
Output Characteristics.
I
D (milliamperes)
1.0
0.8
0.6
0.4
0.2
0
0
-100
-200
-300
-400
-500
V
DS = -20V
T
A = -55
OC
25OC
125OC
FIGURE 2-8:
Transconductance vs. Drain
Current.
V
DS (volts)
-1.0
-10
-100
-1000
-1.0
-0.1
-0.01
-0.001
TO-243AA (DC)
TO-92 (DC)
TO-243AA (pulsed)
TO-92 (pulsed)
T
A = 25
OC
FIGURE 2-9:
Maximum Rated Safe
Operating Area.
FIGURE 2-10:
V
DS (volts)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
-2.0
-4.0
-6.0
-8.0
-10
V
GS = -10V
V
GS = -4.5V
V
GS = -3.5V
V
GS = -6.0V
Saturation Characteristics.
T
C (
OC)
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
TO-243AA
TO-92
FIGURE 2-11:
Power Dissipation vs. Case
Temperature.
t
P (seconds)
0.001
0.01
0.1
1.0
10
1.0
0.8
0.6
0.4
0.2
0
TO-243AA
T
A = 25
OC
P
D = 1.6W
TO-92
T
C = 25
OC
P
D = 1.0W
FIGURE 2-12:
Thermal Response
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com