Electronic Components Datasheet Search
  English  ▼

X  

UT6MA2 Datasheet(PDF) 1 Page - Rohm

Part # UT6MA2
Description  30V NchPch Middle Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UT6MA2 Datasheet(HTML) 1 Page - Rohm

  UT6MA2 Datasheet HTML 1Page - Rohm UT6MA2 Datasheet HTML 2Page - Rohm UT6MA2 Datasheet HTML 3Page - Rohm UT6MA2 Datasheet HTML 4Page - Rohm UT6MA2 Datasheet HTML 5Page - Rohm UT6MA2 Datasheet HTML 6Page - Rohm UT6MA2 Datasheet HTML 7Page - Rohm UT6MA2 Datasheet HTML 8Page - Rohm UT6MA2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
UT6MA2
  30V Nch+Pch Middle Power MOSFET
  
Datasheet
l
lOutline
Symbol
Tr1:Nch Tr2:Pch
DFN2020-8D
 
VDSS
30V
-30V
RDS(on)(Max.)
46mΩ
70mΩ
HUML2020L8
ID
±4.0A
±4.0A
 
PD
2.0W
 
           
l
lFeatures
l
lInner circuit
1) Low on - resistance.
2) Small Surface Mount Package.
3) Pb-free lead plating ; RoHS compliant.
4) Halogen Free.
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
180
Switching
Tape width (mm)
8
Basic ordering unit (pcs)
3000
Taping code
TCR
Marking
MA2
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Tr1:Nch Tr2:Pch
Drain - Source voltage
VDSS
30
-30
V
Continuous drain current
ID
±4.0
±4.0
A
Pulsed drain current
IDP*1
±12
±12
A
Gate - Source voltage
VGSS
±20
±20
V
Avalanche current, single pulse
IAS*2
3.0
-3.0
A
Avalanche energy, single pulse
EAS*2
6.4
6.5
mJ
Power dissipation
total
PD*3
2.0
W
element
1.4
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/19
20160208 - Rev.001
 
   
 


Similar Part No. - UT6MA2

ManufacturerPart #DatasheetDescription
logo
Rohm
UT6MA3 ROHM-UT6MA3 Datasheet
4Mb / 23P
20V NchPch Middle Power MOSFET
More results

Similar Description - UT6MA2

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
30V NchNch Middle Power MOSFET
QH8M22 ROHM-QH8M22 Datasheet
4Mb / 22P
40V NchPch Middle Power MOSFET
HP8MA2 ROHM-HP8MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
30V NchNch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
-30V PchPch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
-30V PchPch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
30V NchNch Middle Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
-30V Pch Pch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com