Electronic Components Datasheet Search
  English  ▼

X  

CMA0204 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMA0204
Description  High Pulse Load MELF Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMA0204 Datasheet(HTML) 2 Page - Vishay Siliconix

  CMA0204 Datasheet HTML 1Page - Vishay Siliconix CMA0204 Datasheet HTML 2Page - Vishay Siliconix CMA0204 Datasheet HTML 3Page - Vishay Siliconix CMA0204 Datasheet HTML 4Page - Vishay Siliconix CMA0204 Datasheet HTML 5Page - Vishay Siliconix CMA0204 Datasheet HTML 6Page - Vishay Siliconix CMA0204 Datasheet HTML 7Page - Vishay Siliconix CMA0204 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CMA 0204
Vishay Beyschlag
High Pulse Load MELF Resistor
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28717
2
Revision: 27-Feb-04
Note
1. For CMA 0204 the temperature coefficient is not identified in the ordering code.
2. We recommend that the clear text ordering code is used to minimize the possibilty of errors in order handling.
ORDERING INFORMATION - type description and ordering code
C
M
A
0204
2 %
BL
47K
FILM TYPE
C = Carbon
PRODUCT CODE
M = MELF, cylindrical
SIZE CODE
A = 0204
METRIC DIN SIZE
0204
TOLERANCE
± 2 %
PACKAGING
BL = 3000 units
B0 = 10000 units
RESISTANCE VALUE
See temperature Coefficient
and Resistance Range Table
DIMENSIONS
L
D
L 1
K
D1
Color code marking
(1)
Note
1. Color code marking is applied according to IEC 60062 in four bands (E24 series). Each color band appears as a single solid line, voids are
permissible if at least 1/3 of the band is visible from each radial angle of view. The last color band for tolerance is approx, 50 % wider than
the other bands. An interrupted band between the 2nd and 3rd full band identifies the special carbon film type.
DIMENSIONS - MELF resistor types, mass and relevant physical dimensions
TYPE
L
(mm)
D
(mm)
L1 min
(mm)
D1
(mm)
K
(mm)
MASS
(mg)
CMA 0204
3.6 + 0/−0.2
1.4 + 0/−0.1
1.8
D + 0/−0.15
0.8 ± 0.1
19
Note
1. Resistance value to be selected from E24 series.
TOLERANCE AND RESISTANCE RANGE
TOLERANCE
RESISTANCE VALUE(1)
CMA 0204
± 2 %
10 Ω to 100 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com