Electronic Components Datasheet Search
  English  ▼

X  

FC255 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FC255
Description  THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FC255 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FC255 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC255 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21
Crystal unit
22
Crystal unit
Specifications (characteristics)
Specifications (characteristics)
THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
FC-255
Product number (please refer to page 1)
Q 1 x F C 2 5 5 x x x x x 0 0
• High-density mounting-type SMD of 0.8 mm Typ. thickness.
• Small packaging area and light weight.
• Excellent environmental capability.
• Most suitable for small communications devices.
• Available for lead (Pb)-free soldering.
• Lead (Pb)-free terminal product.
Actual size
Item
Symbol
Specifications
Remarks
Nominal frequency range
f
32.768 kHz
32.000 kHz
please contact us for inquiries
about the available frequency
Temperature
range
Storage temperature
TSTG
-55 ˚C to +125 ˚C
Stored as bare product after unpacking
Operating temperature
TOPR
-40 ˚C to +85 ˚C
Maximum drive level
GL
0.5 µW Max.
Frequency tolerance (standard)
Δf/f
±20 x 10-6
±50 x 10-6,±100 x 10-6
Ta = +25 ˚C, DL = 0.1 µW
Please ask tighter tolerance
Peak temperature (frequency)
θT
+25 ˚C ±5 ˚C
Temperature coefficient (frequency)
a
-0.04 x 10-6 / ˚C2 Max.
Load capacitance
CL
7 pF, 12.5 pF
Please specify
Series resistance
R1
65 kΩ Max.
70 kΩ to 25 kΩ
Motional capacitance
C1
1.7 fF Typ.
2.5 fF to 0.7 fF
Shunt capacitance
C0
1.3 pF Typ.
1.6 pF to 0.7 pF
Insulation resistance
IR
500 MΩ Min.
Aging
fa
±3 x 10-6 / year Max.
Ta = +25 ˚C ±3 ˚C, first year
Shock resistance
S.R.
±8 x10-6 Max.
100 g dummy (Seiko Epson Standard) drop from
1500 mm height on to the concrete 3 directions
10 times.
4.9
±0.1
3.2
Internal connection
# 1
# 2
# 1
# 2
0.85
1.3
4.2
∗Do not design any patterns on shaded area.
Recommended soldering pattern
(Unit: mm)
External dimensions
(Unit: mm)


Similar Part No. - FC255

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
FC2550U NOVA-FC2550U Datasheet
304Kb / 2P
RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
More results

Similar Description - FC255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA365 ETC-FA365 Datasheet
25Kb / 1P
THIN SMD HIGH-FREQUENCY CRYSTAL UNIT
MC306 ETC-MC306 Datasheet
28Kb / 1P
SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
MC206 ETC-MC206 Datasheet
28Kb / 1P
THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson Company
C-001R EPSON-C-001R Datasheet
133Kb / 2P
SMALL CYLINDER LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
MA-306 ETC1-MA-306 Datasheet
30Kb / 1P
SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT
logo
Epson Company
MA-406 EPSON-MA-406 Datasheet
30Kb / 1P
SMD HIGH-FREQUENCY CRYSTAL UNIT
MA-505 EPSON-MA-505 Datasheet
30Kb / 1P
SMD HIGH-FREQUENCY CRYSTAL UNIT
MC-156 EPSON-MC-156 Datasheet
82Kb / 2P
THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MC-206 EPSON-MC-206 Datasheet
57Kb / 1P
THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MC-405 EPSON-MC-405 Datasheet
54Kb / 1P
SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com