Electronic Components Datasheet Search
  English  ▼

X  

LYG6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYG6SP
Description  white SMT package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYG6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LYG6SP Datasheet HTML 1Page - OSRAM GmbH LYG6SP Datasheet HTML 2Page - OSRAM GmbH LYG6SP Datasheet HTML 3Page - OSRAM GmbH LYG6SP Datasheet HTML 4Page - OSRAM GmbH LYG6SP Datasheet HTML 5Page - OSRAM GmbH LYG6SP Datasheet HTML 6Page - OSRAM GmbH LYG6SP Datasheet HTML 7Page - OSRAM GmbH LYG6SP Datasheet HTML 8Page - OSRAM GmbH LYG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-04-23
1
2015-04-23
Advanced Power TOPLED
Datasheet
Version 1.2
LY G6SP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: yellow (590 nm)
•
Farbe: gelb (590 nm)
•
Optical efficiency (typ.): 44 lm/W (yellow)
•
Optischer Wirkungsgrad (typ.): 44 lm/W (gelb)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Signaling
•
Signalanlagen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen


Similar Part No. - LYG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYG6SP OSRAM-LYG6SP Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LYG6SP-BBDB-36-1 OSRAM-LYG6SP-BBDB-36-1 Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
white SMT package
LYM67K-J1L2-26 OSRAM-LYM67K-J1L2-26 Datasheet
503Kb / 20P
white SMT package
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
white SMT package
LYY8SF-U1V2-36 OSRAM-LYY8SF-U1V2-36 Datasheet
496Kb / 21P
white SMT package
LYY876-Q2T1-26 OSRAM-LYY876-Q2T1-26 Datasheet
504Kb / 20P
white SMT package
LSYA676 OSRAM-LSYA676 Datasheet
398Kb / 15P
white SMT package
LS-A676 OSRAM-LS-A676 Datasheet
194Kb / 14P
white SMT package
LW-A67C OSRAM-LW-A67C Datasheet
188Kb / 15P
white SMT package
LSY-A676 OSRAM-LSY-A676 Datasheet
398Kb / 15P
white SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com