Electronic Components Datasheet Search
  English  ▼

X  

MS6272 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6272
Description  Good PSRR and low pop noise
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6272 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6272 Datasheet HTML 1Page - MOSA ELECTRONICS MS6272 Datasheet HTML 2Page - MOSA ELECTRONICS MS6272 Datasheet HTML 3Page - MOSA ELECTRONICS MS6272 Datasheet HTML 4Page - MOSA ELECTRONICS MS6272 Datasheet HTML 5Page - MOSA ELECTRONICS MS6272 Datasheet HTML 6Page - MOSA ELECTRONICS MS6272 Datasheet HTML 7Page - MOSA ELECTRONICS MS6272 Datasheet HTML 8Page - MOSA ELECTRONICS MS6272 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MOSA
MS6272
Volume Controller with soft step IC
V1.4
2/19
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
NC/DIFFG
1
No Connected /Differential Stereo Input Common
L-IN/DIFFL
2
Left Channel Input / Left Differential Stereo Input
L-OUT
3
Left Channel Output
VSS
4
Ground
SDA
5
I2C Data Input
SCL
6
I2C Clock Input
VDD
7
Positive Supply Voltage
R-OUT
8
Right Channel Output
R-IN/DIFFR
9
Right Channel Input / Right Differential Stereo Input
VREF
10
Reference Voltage = 1/2VDD
10
9
8
7
6
MS6258
NC/DIFFG
1
2
3
4
5
L-OUT
Vss
SDA
VREF
R-OUT
VDD
SCL
L-IN/DIFFL
R-IN/DIFFR
MS6272
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
10-Pin MSOP (lead free)
MS6272MGTR
6272G
3.5k Units Tape and Reel
10-Pin MSOP (lead free)
MS6272MGU
6272G
80 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6.5
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
120
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
MSOP10
165.9
℃
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com