Electronic Components Datasheet Search
  English  ▼

X  

AA60A Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA60A
Description  Output loadsharing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA60A Datasheet(HTML) 2 Page - Astec America, Inc

  AA60A Datasheet HTML 1Page - Astec America, Inc AA60A Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
2.30
1.900
.040
[1.01]
.20 MIN.
.5
[58.4]
[48.26]
DIA. TYP.
[1207]
[5.0]
.600
[15.24]
1.400
[35.56]
2.000
[50.80]
.400
[10.16]
1.000
[25.40]
1.600
[40.64]
2.40
[61.0]
1
2
3
4
5
6
7
8
9
10
Mounting
Inserts
M3 X .5 (4 places)
Input
Output 1
Output 2
Model Number
Voltage
Voltage
Voltage
36 - 75VDC
3.3V @ 19A
2.5V @ 19A
AA60A-048L-033D025
36 - 75VDC
5.0V @ 15A
3.3V @ 15A
AA60A-048L-050D033
Note:
Enable Function
"N" = negative logic enable (without "N" = positive enable)
Trim Feature
“-PI” suffix = IPD Trim equivalent
1. Maximum output power not to exceed 75W total for 5/3.3V version (15A).
2. The sum of output currents not to exceed 15amps for 5/3.3V (19A max for 3.3/2.5V).
3. Any output loading ratio within the maximum specified limits is possible.
Single Output
1. -Vin
2. Case
3. Enable (on/off)
4. Vin+
5. V2
6. Rtn (V2)
7. Trim (V2)
8. V1
9. Rtn (V1)
10. Trim (V1)
Notes:
1. 20MHz bandwidth. An external 2.2mf ceramic capacitor is
recommended to be placed from +V out to -V out.
2. Requires a 2.2mf, 100V film capacitor connected between +V in
and -V in to meet FCC class A and ETS300-386-1 requirements
for conducted noise.
3. All specifications are typical at nominal line, full load, and 25°C
unless otherwise noted.
4. All specifications subject to change without notice. Mechanical
drawings are for reference only.
5. Please refer to the Technical Reference Notes for more
information.
6. Warranty: 1 yr
Pin Assignments
39
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:32 PM
Page 39



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com