Electronic Components Datasheet Search
  English  ▼

X  

ADN Datasheet(PDF) 1 Page - Astec America, Inc

Part # ADN
Description  Adjusable Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ADN Datasheet(HTML) 1 Page - Astec America, Inc

  ADN Datasheet HTML 1Page - Astec America, Inc ADN Datasheet HTML 2Page - Astec America, Inc ADN Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 12.12.08_142
ADN Series
1 of 3
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
ADN Series
60-480 Watts
Special Features
Power Factor Correction
Auto Select 115/230 VAC,
50/60 Hz Input
All Single Phase models meet
SEMI F47
Sag Immunity
Class 1, Div 2 Hazardous
Locations
DC OK Signal
Adjusable Voltage
Industrial grade design (no
derating to 60°C)
User-friendly front panel
Single and three phase inputs
available
Highly efficent >90% switching
technology
High MTBF and reliability
Peak current capability 2x rated
current for 2 seconds
Three year warranty
NEC Class 2 on models <100W
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Total Power:
60-480 Watts
Input Voltage: 115-230 Vac
# Outputs:
Single
Electrical Specifications
Safety
Input
Nominal voltage:
115-230 VAC auto select
AC Input range:
85-123 / 176-264 Vac
DC Input range:
210-375 Vdc
Frequency:
47-63 Hz, 500 Hz
Output
Nominal Voltage:
24 V (22.5 - 28.5 VDC Adj.)
Hold-up time:
> 20 ms at full load (25 °C)
Tolerance:
< ± 2% overall (combination line/load/time/temp)
Line regulation:
< 0.5%
Load regulation:
< 0.5%
Time and temp. drift
< 1%
Initial voltage setting:
24.5 V ± 1%
Ripple:
< 50mVpp
Power back immunity:
> 35 V
Overvoltage protection:
< 33 Vdc
EN60950
UL508 Listed
cULus
UL 60950
cURus
CE
EN61000-3-2
IEC 60079-15 Class 1
•
•
•
•
•
•
•
•
RoHS
Storage/Shipment:
-25 °C to +85 °C
Operating (convection):
-10 °C to +60 °C (derate to 50% at +70 °C)
Humidity:
< 90% RH noncondensing per IEC 68-2-2, 68-2-3
IP20 (EN60529), protection from moisture and condensation
Environmental Specifications


Similar Part No. - ADN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ADN MSYSTEM-ADN Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
logo
Festo Corporation.
ADN-100-10-A-P-A FESTO-ADN-100-10-A-P-A Datasheet
86Kb / 1P
Compact air cylinder
ADN-100-10-I-P-A FESTO-ADN-100-10-I-P-A Datasheet
86Kb / 1P
Compact air cylinder
ADN-100-15-A-P-A FESTO-ADN-100-15-A-P-A Datasheet
87Kb / 1P
Compact air cylinder
ADN-100-15-A-PPS-A FESTO-ADN-100-15-A-PPS-A Datasheet
88Kb / 1P
Compact air cylinder
More results

Similar Description - ADN

ManufacturerPart #DatasheetDescription
logo
Billiton Ltd.
TP7660 ASIC-TP7660 Datasheet
123Kb / 6P
Voltage-voltage deflector
TP7660H ASIC-TP7660H Datasheet
111Kb / 6P
Voltage-voltage deflector
logo
Beijing Yaohuadechang E...
TV30GB YHDC-TV30GB Datasheet
4Mb / 1P
Voltage type voltage transformer
TV30GK YHDC-TV30GK Datasheet
2Mb / 1P
Voltage type voltage transformer
TV48GB YHDC-TV48GB Datasheet
10Mb / 1P
Voltage type voltage transformer
TV600GB-2K YHDC-TV600GB-2K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-3K YHDC-TV600GB-3K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-5K YHDC-TV600GB-5K Datasheet
5Mb / 1P
Voltage type voltage transformer
TVD120 YHDC-TVD120 Datasheet
5Mb / 1P
Voltage type voltage transformer
logo
Mallory Sonalert Produc...
SCE048SA3QP1B MSPI-SCE048SA3QP1B Datasheet
55Kb / 1P
Voltage Rating Voltage Rating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com