Electronic Components Datasheet Search
  English  ▼

X  

AEE01 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEE01
Description  Industry standard package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE01 Datasheet(HTML) 1 Page - Astec America, Inc

  AEE01 Datasheet HTML 1Page - Astec America, Inc AEE01 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
10 Watts
AEE01,02
• 10 W, Single output
• 2:1 Input range
• 1.0" x 2.0" x 0.33 case
• Replaces AA10B
• Industry standard package
• Low Profile
• Low Cost
Operating base temperature range:
-25°C to +95°C
Storage temperature: -40°C to +105°C
MTBF: 3 Million Hours (Belcore TR332)
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Recognition
Input
Input range
18 to 36 VDC
36 to 72 VDC
Efficiency
79% typical (5V)
Output
Voltage tolerance
±1.0% (±2.0% for 3.3V)
Overall regulation
±1% max
Noise/ripple
1% (mV P-P)
Transient response
200 usec typical (50% step load
change to within 5%Vo)
Temperature Regulation
±0.02 %Vo/°C
Switching frequency
330kHz
Isolation
I/O isolation
500 VDC
Isolation Resistance
300 Mohms
Total Power:
10 Watts
Input Voltages:
48V, 24V
No. of Outputs:
Single
Environmental
Safety


Similar Part No. - AEE01

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEE01 EMERSON-NETWORKPOWER-AEE01 Datasheet
134Kb / 2P
10 W, Single output
logo
Artesyn Technologies
AEE01A12-M ARTESYN-AEE01A12-M Datasheet
1Mb / 2P
4200 VAC reinforced Insulation
logo
Astec America, Inc
AEE01AA12-4 ASTEC-AEE01AA12-4 Datasheet
1Mb / 2P
10 Watts
AEE01AA12-4 ASTEC-AEE01AA12-4 Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE01AA18 ASTEC-AEE01AA18 Datasheet
107Kb / 2P
15 Watts
More results

Similar Description - AEE01

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com