Electronic Components Datasheet Search
  English  ▼

X  

AEH10 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEH10
Description  Remote sense compensation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH10 Datasheet(HTML) 1 Page - Astec America, Inc

  AEH10 Datasheet HTML 1Page - Astec America, Inc AEH10 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
50-150 Watts
AEH10-30
• Industry standard pin-out &
performance 100°C baseplate
temperature (no derating)
• Positive and negative enable function
• Low output ripple and noise
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching (330 kHz)
Operating case temperature range:
-40°C to +100°C
Storage temperature: -55°C to +125°C
MTBF: >2 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
89%@5V
Output
Load regulation
0.2% max
Line regulation
0.5% max
Ripple and noise
150mV max
Output voltage
adjust range
±10% of nominal output
Transient Response
1% max deviation with
50% to 75% full load
100 µS (max) recovery
Control
Voltage Adjust
90 to 110%
Enable
TTL compatible
(positive & negative enable options)
UL
UL1950
CSA
CSA22.2-950
TUV
EN60950
Environmental
Total Power:
50-150 Watts
Input Voltages:
24V,48V
No. of Outputs:
Single
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
36
W9959_02_DCDC_001-073_73
2/8/02
3:32 PM
Page 36


Similar Part No. - AEH10

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10-30 ASTEC-AEH10-30 Datasheet
462Kb / 2P
50-150 Watts
AEH10A24 ASTEC-AEH10A24 Datasheet
462Kb / 2P
50-150 Watts
logo
Emerson Network Power
AEH10A24 EMERSON-NETWORKPOWER-AEH10A24 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10A48 ASTEC-AEH10A48 Datasheet
462Kb / 2P
50-150 Watts
More results

Similar Description - AEH10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1087 SEMTECH-EZ1087 Datasheet
80Kb / 4P
5.0 AMP REMOTE SENSE VOLTAGE REGULATOR
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
Virtual Remote Sense Controller
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
Remote sense and current limit
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
Virtual Remote Sense Controller
logo
Vicor Corporation
PRM48BH480T200B00 VICOR-PRM48BH480T200B00 Datasheet
728Kb / 22P
High Efficiency Remote Sense PRM Converter
PRM48BX480Y600A00 VICOR-PRM48BX480Y600A00 Datasheet
802Kb / 22P
High Efficiency Remote Sense PRM Converter
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
PRM짰 Regulator Remote Sense Only
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
Remote Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com