Electronic Components Datasheet Search
  English  ▼

X  

ALH25 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALH25
Description  100W Output loadsharing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH25 Datasheet(HTML) 1 Page - Astec America, Inc

  ALH25 Datasheet HTML 1Page - Astec America, Inc ALH25 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
100 Watts
ALH25-Dual
• 100W Output loadsharing
• 48VDC Input
• Open Frame 2.3” x 2.4” x 0.50” pkg.
• -40 to 120°C board temperature
• Trim feature, both rails
• Industry standard pin-out
• Enable (on/off) (pos or neg logic)
• OC, OV, OT protection
• 5.0V/3.3V dual outputs
Operating PCB temperature range:
-40°C to +120°C
Storage temperature: -55°C to +125°C
Weight 80 grams
UL
UL 1950 Pending
CAN22.2-950 Pending
TUV
EN60950 Pending
Input
Input range
36 to 75 VDC (48Vdc Nom.)
Efficiency
88% typical
Input reverse
Voltage protection
Fuse recommended 3A.MB
Input surge voltage
100V for 100mS
Output
Voltage tolerance
± 1%
Line regulation
±0.2%
Load regulation
±0.5%
Ripple/noise
200mV P-P
Temperature coefficient
+0.02%/°C (max)
Transient response
3% Vo max recovery <500msec
(50% to 75% step load change)
Switching frequency
250 kHz typical
Control
Enable
on =1.2Vdc Max (Neg Enable)
off = 3Vdc Min (Neg Enable)
Ref. to -Vin. TTL compatible
Input current (enable off)
<2ma.
Output trim
Both outputs ±10% minimum
Isolation
I/O isolation
1500 VDC
Environmental
Total Power:
100 Watts
Input Voltages:
48V
No. of Outputs:
Dual
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
42
W9959_02_DCDC_001-073_73
2/8/02
3:38 PM
Page 42


Similar Part No. - ALH25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH25AF48N ASTEC-ALH25AF48N Datasheet
503Kb / 2P
100Watts, Ultra High Efficiency
More results

Similar Description - ALH25

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
JWT75 LAMBDA-JWT75 Datasheet
425Kb / 3P
Triple output 75 ~ 100W
SWT30 LAMBDA-SWT30 Datasheet
150Kb / 2P
Triple output 30W ~ 100W
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
100W Single Output with PFC Function
logo
Mean Well Enterprises C...
MSP-100 MEANWELL-MSP-100 Datasheet
126Kb / 2P
100W Single Output Medical Type
logo
FSP TECHNOLOGY INC.
FSP100-1Y20 FSP-FSP100-1Y20 Datasheet
144Kb / 1P
100W output with convection cooling
logo
Emerson Network Power
AA60A-048L-033D025 EMERSON-NETWORKPOWER-AA60A-048L-033D025_02 Datasheet
908Kb / 2P
75 Watts Output loadsharing
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
100W Output Power
LBC-100 MPD-LBC-100 Datasheet
1Mb / 4P
100W Output Power
logo
Astec America, Inc
AA60A ASTEC-AA60A Datasheet
908Kb / 2P
Output loadsharing
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
Triple Output 75W, 100W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com