Electronic Components Datasheet Search
  English  ▼

X  

ALQ15 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ15
Description  Regulation to zero load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ15 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ15 Datasheet HTML 1Page - Astec America, Inc ALQ15 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
60 Watts
ALQ15-Dual
High Efficiency
• Industry standard Dual O/p 1/4 Brick Footprint
• Open Frame Construction
• Low Ripple and Noise1 < 30mVPK-PK
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Frequency Switching for EMI predictability
• Industry Standard features: OVP, OCP, OTP,
Input UVLO, Enable, Trim
• Input Under Voltage Lockout with hysteresis
• Output Voltage Adjustability
• Meets Basic Insulation
Environmental
Operating Ambient Temperature -40°C to +85°C
Storage temperature: -55°C to +125°C
MTBF: > 1 Million Hrs
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency2
5.0V/3.3V @ 89.5% (typ at 60W)
3.3V/2.5V @ 87.7%
3.3V/1.8V @ 86.5%
2.5V/1.5V @ 84.0%
Output
Line / Load Regulation
< 1% Vo
Load Current
15A max per channel (60W max)
12A max for 5V rail
Noise/Ripple1
30mVPK-PK
Transient Response
2% Vo deviation (typ)
(50% to 75% Step Load)
< 300
µs settling time (typ)
Over Voltage Protection
130% Vo Typ (latching)
Over Current Protection
130% IO,max Typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
350kHz (typ)
Isolation Voltage
1500Vdc
Control
Voltage Adjust
±10% VO,NOM
Enable
TTL compatible
(Positive or Negative options)
Safety
UL, cUL 60950 Recognized
TUV EN60950 Licensed
CB Test Ceritifcate
Total Power:
60 Watts
Input Voltages:
48V
No. of Outputs:
Dual


Similar Part No. - ALQ15

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15-DUAL ASTEC-ALQ15-DUAL Datasheet
408Kb / 2P
60 Watts Dual Output Converter
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
High Efficiency
logo
Astec America, Inc
ALQ15AF48 ASTEC-ALQ15AF48 Datasheet
408Kb / 2P
60 Watts
ALQ15AF48 ASTEC-ALQ15AF48 Datasheet
1Mb / 19P
Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ15AF48 ASTEC-ALQ15AF48 Datasheet
408Kb / 2P
60 Watts Dual Output Converter
More results

Similar Description - ALQ15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
Enhanced line/load regulation with Feed-Forward
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
Load Regulation, typical - 2mV
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
Extremely Tight Line and Load Regulation
logo
Astec America, Inc
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
Good Line and Load Regulation
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com