Electronic Components Datasheet Search
  English  ▼

X  

AEV02C48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEV02C48
Description  Standard Pinout - Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEV02C48 Datasheet(HTML) 2 Page - Astec America, Inc

  AEV02C48 Datasheet HTML 1Page - Astec America, Inc AEV02C48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EO
L
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: 852-2176-3333
Facsimile: 852-2176-3888
r
e
b
m
u
N
l
e
d
o
M
y
c
n
e
i
c
i
f
f
E
2
t
u
p
t
u
O
1
t
u
p
t
u
O
t
u
p
n
I
e
g
a
t
l
o
V
e
g
a
t
l
o
V
C
D
V
4 (EOL)
2
F
5
0
V
E
A
%
0
8
A
0
.
5
@
V
3
.
3
V
6
3
-
8
1
4 (EOL)
2
A
4
0
V
E
A
%
3
8
A
0
.
4
@
V
0
.
5
V
6
3
-
8
1
4 (EOL)
2
B
2
0
V
E
A
%
5
8
A
1
.
2
@
V
0
.
2
1
V
6
3
-
8
1
4 (EOL)
2
C
2
0
V
E
A
%
6
8
A
7
.
1
@
V
0
.
5
1
V
6
3
-
8
1
8 (EOL)
4
F
5
0
V
E
A
%
0
8
A
0
.
5
@
V
3
.
3
V
2
7
-
6
3
8 (EOL)
4
A
4
0
V
E
A
%
3
8
A
0
.
4
@
V
0
.
5
V
2
7
-
6
3
8 (EOL)
4
N
4
0
V
E
A
%
6
8
A
1
.
4
@
V
0
.
6
V
2
7
-
6
3
8 (EOL)
4
B
2
0
V
E
A
%
6
8
A
1
.
2
@
V
0
.
2
1
V
2
7
-
6
3
8 (EOL)
4
C
2
0
V
E
A
%
6
8
A
7
.
1
@
V
0
.
5
1
V
2
7
-
6
3
18-36 V
+5.0V @ 2.0A
-5.0V @ 2.0A
83%
AEV02AA24 (EOL)
18-36 V
+12.0V @ 1.05A
-12.0V @ 1.05A
86%
AEV01BB24 (EOL)
18-36 V
+15.0V @ 0.85A
-15.0V @ 0.85A
86%
AEV01CC24 (EOL)
36-72 V
+5.0V @ 2.0A
-5.0V @ 2.0A
83%
AEV01AA48 (EOL)
36-72 V
+12.0V @ 1.05A
-12.0V @ 1.05A
86%
AEV01BB48 (EOL)
36-72 V
+15.0V @ 0.85A
-15.0V @ 0.85A
86%
AEV01CC48 (EOL)
Notes:
1. 20 MHz bandwidth. An external 2.2mf ceramic
capacitor is recommended to be placed from +V out
to -V out.
2. Consult Technical Reference Notes for Recommended
Input/Output Filtering
3. All specifications are typical at nominal line, full load,
and 25° C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only.
Single output
73
www.Emerson.com/EmbeddedPower



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com