Electronic Components Datasheet Search
  English  ▼

X  

ASA Datasheet(PDF) 1 Page - Astec America, Inc

Part # ASA
Description  Short circuit protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ASA Datasheet(HTML) 1 Page - Astec America, Inc

  ASA Datasheet HTML 1Page - Astec America, Inc ASA Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
ASA Series
10 Watts
Special Features
•Encapsulated
• 2:1 input range
• 1.25" X 0.8” DIP package
• 1500Vdc I/O isolation
• Single output
Total Power:
10 Watts
Input Voltage: 24V or 48V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
18 to 36 VDC; 36 to 75 VDC
Efficiency2
83%@12Vo
Output
Voltage tolerance
±2.0%
Line regulation
±0.8%
Load regulation
±1.2%
Noise/ripple
100mV for 2.5Vo,
3.3Vo and
5.0Vo
120mV for 12Vo
Short circuit protection
Auto-restart
Switching frequency
350KHz
Temperature coefficient
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance
10Mohm
Insulation capacitance
1000pF
CE Mark
Rev. 01.30.08
ASA 10W Series
1 of 2
Operating ambient temperature range
-40°C to +60°C (no derating)
Storage temperature
-55°C to +105°C
Humidity
5% to 95% (non-condensing)
MTBF
1 Mhrs demonstrated MTBF
RoHS Compliant
Environmental Specifications
RoHS


Similar Part No. - ASA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
logo
Polymaker Industrial
ASA POLYMAKER-ASA Datasheet
152Kb / 2P
PolyLite™ ASA
Jan. 2019 Version 4.1
More results

Similar Description - ASA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
SHORT CIRCUIT PROTECTION
Jul-2003
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
Continuous Short Circuit Protection
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
Short circuit protection
10-Mar-2016
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
Short circuit protection
10-Mar-2014
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
Short Circuit Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com