Electronic Components Datasheet Search
  English  ▼

X  

NLP250CJ Datasheet(PDF) 1 Page - Astec America, Inc

Part # NLP250CJ
Description  Place the cover over the NLP250 as shown
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

NLP250CJ Datasheet(HTML) 1 Page - Astec America, Inc

  NLP250CJ Datasheet HTML 1Page - Astec America, Inc NLP250CJ Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NLP250CJ
Enclosure
Installation Notes
NLP250CJ • Cover Accessory Kit
NLP250CJ will fit the NLP250 power supplies.
Rev. 05.18.11
NLP250CJ Enclosure
1 of 2
GAP PAD
ON MAIN
TRANSFORMER
M3 C'SINK SCREW
WITH 8mm LONG
(4X)
Materials
•1 Cover
•4 M3x8mm countersunk
screws
Installation Instructions and Notes
1. Place the cover over the NLP250 as shown.
2. Align the cover to the U-bracket countersink holes.
3. Secure 4 countersink screws provided with in kit as shown.
4. Overall dimensions: 7 (177.8) x 4 (101.6) x 1.6 (40.64).
5. When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are complied
with, in respect to creepage and clearance distances, and distances through insulation.
6. All dimensions are in inches (mm)


Similar Part No. - NLP250CJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
Place the cover over the NLP250 as shown
More results

Similar Description - NLP250CJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
List of Unclassifed Man...
P5150 ETC2-P5150 Datasheet
343Kb / 2P
The probe includes the accessories shown below.
logo
Omron Electronics LLC
D6B-2 OMRON-D6B-2 Datasheet
147Kb / 9P
The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
The tape shall be wound around the reel in the direction shown below
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
Place the insulator over the chassis as shown
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
Place the insulator over the chassis as shown
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
Place the cover over the NLP250 as shown
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com