Electronic Components Datasheet Search
  English  ▼

X  

SLVDA28 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SLVDA28
Description  SLVDA2.8 LOW VOTAGE TVS DIODE ARRAY FOR ESD & LATCH-UP PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVDA28 Datasheet(HTML) 4 Page - Semtech Corporation

  SLVDA28 Datasheet HTML 1Page - Semtech Corporation SLVDA28 Datasheet HTML 2Page - Semtech Corporation SLVDA28 Datasheet HTML 3Page - Semtech Corporation SLVDA28 Datasheet HTML 4Page - Semtech Corporation SLVDA28 Datasheet HTML 5Page - Semtech Corporation SLVDA28 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SLVDA2.8
I/O Line Protection
Typical Connection
Device Connection for Protection of Four Data Lines
The SLVDA series devices are designed to protect up to
four data lines. The devices are connected as follows:
l
Common mode protection of four data lines is
achieved by connecting data lines at pins 1 - 4.
Pins 5 - 8 are connected to ground (Device is
symmetrical so connections may be reversed to
serve a specific application). The ground connec-
tions should be made directly to the ground plane
for best results. The path length is kept as short
as possible to reduce the effects of parasitic
inductance in the board traces.
l
Protecting 5V lines: The designer may take advan-
tage of the superior reverse leakage and capaci-
tance characteristics of the SLVDA2.8 to protect
two 5V lines. This is achieved by connecting two
lines of the device in series as shown. The series
connection is made by shorting pins 5 & 6 together
for the first line and pins 7 & 8 for the second line.
Pins 1 & 4 are connected to the lines that are to
be protected. Pins 2 & 3 are connected to ground.
See application note SI96-14 for additional details.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
l
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
l
Minimize the path length between the TVS and the
protected line.
l
Minimize all conductive loops including power and
ground loops.
l
The ESD transient return path to ground should be
kept as short as possible.
l
Never run critical signals near board edges.
l
Use ground planes whenever possible.
Optional Connection for Protecting 5V Lines
LINE 2
LINE 3
LINE 4
LINE 1
1
2
3
45
6
7
8
Ground
From Connector
To Protected
Device
Applications Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com