Electronic Components Datasheet Search
  English  ▼

X  

SLVE28 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SLVE28
Description  SLVE2.8 & SLVG2.8 EPD TVS DIODES FOR ESD AND LATCH-UP PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVE28 Datasheet(HTML) 1 Page - Semtech Corporation

  SLVE28 Datasheet HTML 1Page - Semtech Corporation SLVE28 Datasheet HTML 2Page - Semtech Corporation SLVE28 Datasheet HTML 3Page - Semtech Corporation SLVE28 Datasheet HTML 4Page - Semtech Corporation SLVE28 Datasheet HTML 5Page - Semtech Corporation SLVE28 Datasheet HTML 6Page - Semtech Corporation SLVE28 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SLVE2.8 & SLVG2.8
EPD TVS™
™
™
™
™ Diodes For
ESD and Latch-Up Protection
Description
Features
Schematic & Pin Configuration
Schematic & PIN Configuration
Revision 1/18/2001
The SLV series of transient voltage suppressors are
designed to protect low voltage, state-of-the-art CMOS
semiconductors from transients caused by electro-
static discharge (ESD), cable discharge events (CDE),
lightning and other induced voltage surges.
The devices are constructed using Semtech’s propri-
etary EPD process technology. The EPD process pro-
vides low standoff voltages with significant reductions
in leakage currents and capacitance over silicon-
avalanche diode processes. The SLVE2.8 & SLVG2.8
are in a SOT-143 package and have a low 2.8V work-
ing voltage. They may be used to protect one line in
differential or common mode. The “flow-thru” design
minimizes trace inductance and reduces voltage
overshoot associated with ESD events.
The SLV is specifically designed to protect low voltage
components such as Ethernet transceivers, laser
diodes, ASICs, and high-speed RAM. The low clamping
voltage of the SLV minimizes the stress on the pro-
tected IC.
The SLV series TVS diodes will exceed the surge re-
quirements of IEC 61000-4-2, Level 4.
Applications
Mechanical Characteristics
! ESD and Latch-up Protection
! Analog Inputs
! WAN/LAN Equipment
! Low Voltage ASICs
! Desktops, Servers, Notebooks & Handhelds
! Portable Instrumentation
! Base Stations
! Laser Diode Protection
! 300 Watts peak pulse power (tp = 8/20µs)
! Transient protection for low voltage data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
IEC 61000-4-5 (Lightning) 24A (tp = 8/20µs)
! Protects one line
! Comprehensive pin out for easy board layout
! Low capacitance
! Low leakage current
! Low operating and clamping voltages
! Solid-state EPD TVS process technology
! JEDEC SOT-143 package
! Molding compound flammability rating: UL 94V-0
! Marking : Marking code
! Packaging : Tape and Reel per EIA 481
SLVE2.8 (Top View)
1
2
3
4
1
2
3
4
SLVG2.8 (Top View)


Similar Part No. - SLVE28

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
EPD TVS??Diodes For ESD and Latch-Up Protection
SLVE2.8.TC SEMTECH-SLVE2.8.TC Datasheet
194Kb / 7P
EPD TVS??Diodes For ESD and Latch-Up Protection
More results

Similar Description - SLVE28

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
SLVU2.8-8 SEMTECH-SLVU2.8-8 Datasheet
238Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Pan Jit International I...
PJSDA5V2W5 PANJIT-PJSDA5V2W5 Datasheet
148Kb / 4P
QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVU28 SEMTECH-SLVU28 Datasheet
209Kb / 8P
SLVU2.8 LOW VOLTAGE EPD TVS DIODE FOR ESD AND LATCH-UP PROTECTION
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com