Electronic Components Datasheet Search
  English  ▼

X  

SLVU28 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SLVU28
Description  SLVU2.8 LOW VOLTAGE EPD TVS DIODE FOR ESD AND LATCH-UP PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVU28 Datasheet(HTML) 2 Page - Semtech Corporation

  SLVU28 Datasheet HTML 1Page - Semtech Corporation SLVU28 Datasheet HTML 2Page - Semtech Corporation SLVU28 Datasheet HTML 3Page - Semtech Corporation SLVU28 Datasheet HTML 4Page - Semtech Corporation SLVU28 Datasheet HTML 5Page - Semtech Corporation SLVU28 Datasheet HTML 6Page - Semtech Corporation SLVU28 Datasheet HTML 7Page - Semtech Corporation SLVU28 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SLVU2.8
Absolute Maximum Rating
Electrical Characteristics
g
n
it
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
0
2
/
8
=
p
t(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
m )
sP
k
p
0
0
4s
tt
a
W
0
2
/
8
=
p
t(
t
n
e
rr
u
C
e
s
l
u
P
k
a
e
P
m )
sI
P
P
4
2A
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
)
s
d
n
o
c
e
s
0
1
(
0
6
2
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
o
C
8
.
2
U
V
L
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
1
o
t
2
n
i
P
r
o
1
o
t
3
n
i
P8
.
2V
e
g
a
tl
o
V
h
g
u
o
r
h
T
-
h
c
n
u
PV
T
P
I
T
P
1
o
t
3
n
i
P
,
A
µ
2
=0
.
3V
e
g
a
tl
o
V
k
c
a
B
-
p
a
n
SV
B
S
I
B
S
1
o
t
3
n
i
P
,
A
m
0
5
=8
.
2V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
8
.
2
=
1
o
t
2
n
i
P
r
o
1
o
t
3
n
i
P
1A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
2
=
1
o
t
3
n
i
P
9
.
3V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=
1
o
t
3
n
i
P
7V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
4
2
=
1
o
t
3
n
i
P
5
.
2
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=
1
o
t
2
n
i
P
5
.
8V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
4
2
=
1
o
t
2
n
i
P
5
1V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
2
&
1
o
t
3
n
i
P
)r
e
h
t
e
g
o
t
d
e
it
2
&
1
n
i
P
(
V
R
z
H
M
1
=
f
,
V
0
=
0
70
0
1F
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
).
C
.
N
3
n
i
p
(
1
o
t
2
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
50
1F
p
s
c
it
s
ir
e
t
c
a
r
a
h
C
e
d
o
i
D
g
n
ir
e
e
t
S
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
T
2
o
t
3
n
i
P
,
A
µ
0
1
=0
4V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
D
R
V
M
W
R
C
°
5
2
=
T
,
V
8
.
2
=
2
o
t
3
n
i
P
1A
µ
e
g
a
tl
o
V
d
r
a
w
r
o
FV
F
I
F
3
o
t
2
n
i
P
,
A
1
=2
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com