Electronic Components Datasheet Search
  English  ▼

X  

STP10NB60SFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP10NB60SFP
Description  N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB60SFP Datasheet(HTML) 3 Page - STMicroelectronics

  STP10NB60SFP Datasheet HTML 1Page - STMicroelectronics STP10NB60SFP Datasheet HTML 2Page - STMicroelectronics STP10NB60SFP Datasheet HTML 3Page - STMicroelectronics STP10NB60SFP Datasheet HTML 4Page - STMicroelectronics STP10NB60SFP Datasheet HTML 5Page - STMicroelectronics STP10NB60SFP Datasheet HTML 6Page - STMicroelectronics STP10NB60SFP Datasheet HTML 7Page - STMicroelectronics STP10NB60SFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STGP10NB60SFP
SWITCHING ON
SWITCHING OFF
(q)Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %.
(1)Pulse width limited by max. junction temperature.
(**)Losses Include Also the Tail
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VCC = 480 V, IC = 10 A
RG =1KΩ , VGE = 15 V
0.7
µs
tr
Rise Time
0.46
µs
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC = 10 A
RG=1KΩ, VGE = 15 V
8
0.6
A/µs
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vclamp = 480 V, IC = 10 A,
RGE = 1K Ω , VGE = 15 V
2.2
µs
tr(Voff)
Off Voltage Rise Time
1.2
µs
tf
Fall Time
1.2
µs
Eoff(**)
Turn-off Switching Loss
5.0
mJ
tc
Cross-over Time
Vclamp = 480 V, IC = 10 A,
RGE = 1KΩ , VGE = 15 V
Tj = 125 °C
3.8
µs
tr(Voff)
Off Voltage Rise Time
1.2
µs
tf
Fall Time
1.9
µs
Eoff(**)
Turn-off Switching Loss
8.0
mJ
Thermal Impedance
Switching Off Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com