Electronic Components Datasheet Search
  English  ▼

X  

FMMT620TA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # FMMT620TA
Description  SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT620TA Datasheet(HTML) 6 Page - Zetex Semiconductors

  FMMT620TA Datasheet HTML 1Page - Zetex Semiconductors FMMT620TA Datasheet HTML 2Page - Zetex Semiconductors FMMT620TA Datasheet HTML 3Page - Zetex Semiconductors FMMT620TA Datasheet HTML 4Page - Zetex Semiconductors FMMT620TA Datasheet HTML 5Page - Zetex Semiconductors FMMT620TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ISSUE 1 - JANUARY 2001
FMMT620
6
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
DIM
Millimetres
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM
0.95
NOM
0.037
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2001
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com