Electronic Components Datasheet Search
  English  ▼

X  

13005 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 13005
Description  NPN Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

13005 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  13005 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 13005 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 13005 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 17/09/2016
Rev:02
®
SEMTECH ELECTRONICS LTD.
13005
NPN Silicon Power Transistors
for high-voltage, high-speed power switching
applications.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
700
V
Collector Emitter Voltage
VCEO
400
V
Emitter Base Voltage
VEBO
9
V
Collector Current
IC
4
A
Power Dissipation (Ta = 25 OC)
Ptot
2
W
Power Dissipation (Tc = 25 OC)
Ptot
75
W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 1 A
at VCE = 5 V, IC = 2 A
hFE
hFE
10
8
-
-
60
40
-
-
Collector Base Cutoff Current
at VCB = 700 V
ICBO
-
-
1
mA
Emitter Base Cutoff Current
at VEB = 9 V
IEBO
-
-
1
mA
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
400
-
-
V
Collector Emitter Saturation Voltage
at IC = 1 A, IB = 0.2 A
at IC = 2 A, IB = 0.5 A
at IC = 4 A, IB = 1 A
VCE(sat)
VCE(sat)
VCE(sat)
-
-
-
-
-
-
0.5
0.6
1
V
V
V
Base Emitter Saturation Voltage
at IC = 1 A, IB = 0.2 A
at IC = 2 A, IB = 0.5 A
VBE(sat)
VBE(sat)
-
-
-
-
1.2
1.6
V
V
Gain Bandwidth Product
at VCE = 10 V, IC = 500 mA, f = 1 MHz
fT
4
-
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 0.1 MHz
Cob
-
65
-
pF
TO-220 Plastic Package


Similar Part No. - 13005

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
13005 ARIES-13005 Datasheet
703Kb / 1P
Series 800 Vertisocket w/Collet Contacts for Horizontal Mounting
logo
Nanjing International G...
13005 DGNJDZ-13005 Datasheet
4Mb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Shenzhen Jingdao Electr...
13005 JINGDAO-13005 Datasheet
119Kb / 3P
Bipolar Junction Transistor
logo
Evolt
13005 EKTOR-13005 Datasheet
111Kb / 1P
SMART DRIVER CONSTANT CURRENT
30th of January 2025 15:30:22
logo
CEE Norm UK Ltd
13005 CEENORM-13005 Datasheet
1Mb / 4P
Socket Outlets
More results

Similar Description - 13005

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com