Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2N7002
Description  N-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7002 Datasheet(HTML) 1 Page - Vishay Siliconix

  2N7002 Datasheet HTML 1Page - Vishay Siliconix 2N7002 Datasheet HTML 2Page - Vishay Siliconix 2N7002 Datasheet HTML 3Page - Vishay Siliconix 2N7002 Datasheet HTML 4Page - Vishay Siliconix 2N7002 Datasheet HTML 5Page - Vishay Siliconix 2N7002 Datasheet HTML 6Page - Vishay Siliconix 2N7002 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
Document Number: 70226
S-04279—Rev. F, 16-Jul-01
www.vishay.com
11-1
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
Part Number
V(BR)DSS Min (V)
rDS(on) Max (W)
VGS(th) (V)
ID (A)
2N7000
5 @ VGS = 10 V
0.8 to 3
0.2
2N7002
7.5 @ VGS = 10 V
1 to 2.5
0.115
VQ1000J
60
5.5 @ VGS = 10 V
0.8 to 2.5
0.225
VQ1000P
5.5 @ VGS = 10 V
0.8 to 2.5
0.225
BS170
5 @ VGS = 10 V
0.8 to 3
0.5
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 2.5 W
D Low Threshold: 2.1 V
D Low Input Capacitance: 22 pF
D Fast Switching Speed: 7 ns
D Low Input and Output Leakage
D Low Offset Voltage
D Low-Voltage Operation
D Easily Driven Without Buffer
D High-Speed Circuits
D Low Error Voltage
D Direct Logic-Level Interface: TTL/CMOS
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
D Solid-State Relays
TO-226AA
(TO-92)
Top View
S
D
G
1
2
3
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Plastic: VQ1000J
Sidebraze: VQ1000P
Top View
TO-92-18RM
(TO-18 Lead Form)
D
S
G
1
2
3
2N7000
BS170
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
Dual-In-Line
D1
D4
S1
S4
G1
G4
NC
NC
G2
G3
S2
S3
D2
D3
N
N
N
N
Marking Code: 72wll
72 = Part Number Code for 2N7002
w = Week Code
ll = Lot Traceability


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com