Electronic Components Datasheet Search
  English  ▼

X  

AC-C7EU Datasheet(PDF) 1 Page - CUI INC

Part # AC-C7EU
Description  AC CORD, EUROPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AC-C7EU Datasheet(HTML) 1 Page - CUI INC

  AC-C7EU Datasheet HTML 1Page - CUI INC AC-C7EU Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cui.com
date
08/16/2011
page
1 of 2
MODEL:
AC-C7 EU │ DESCRIPTION: AC CORD, EUROPE
RoHS
MECHANICAL DRAWING
NO.
SPECIFICATION
Q’TY
REMARK
1
SPT-2 18/2C 105° BLACK
1PC
1810±15(YL)
2
YP-11 INNER BODY
18g/PC
3
YP-11 PVC PLASTIC: 35P BLACK
1PC
4
YC-13 TER
2PCS
5
YC-13 H.S.G
1PC
6
YC-13 H.S.G
9g/PC
Tolerance
>0±0.30
>1.0±0.50
>10.0±1.0
>20.0±2.0
Angle: ±1°
For more information, please visit the product page.


Similar Part No. - AC-C7EU

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AC-C7EU CUID-AC-C7EU Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
More results

Similar Description - AC-C7EU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV7109E SANYO-LV7109E Datasheet
320Kb / 24P
AC Switch Europe SCART Standard
logo
CUI INC
AC-C13-EU CUI-AC-C13-EU Datasheet
113Kb / 2P
3 PRONG AC CORD, EUROPE
AC7-DK CUI-AC7-DK Datasheet
142Kb / 2P
IEC C5 AC POWER CORD, europe
AC-C13-EU CUI-AC-C13-EU_V01 Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
AC-C7-EU CUI-AC-C7-EU_V01 Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C13EU CUID-AC-C13EU Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
AC-C7EU CUID-AC-C7EU Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
AC7-DK CUID-AC7-DK Datasheet
332Kb / 2P
IEC C5 AC POWER CORD, EUROPE
10/25/2022
AC-C13-EU CUID-AC-C13-EU Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
AC-C7-EU CUID-AC-C7-EU Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com