Electronic Components Datasheet Search
  English  ▼

X  

ACMD-7612 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7612
Description  High power rating
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7612 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-7612 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ACMD-7612 Specifications, Z0 = 50 Ω, TC[1] as Indicated
–30 to +85°C[2]
Symbol
Parameter
Units
Min
Typ[3]
Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band (2110 – 2170 MHz)
dB
1.1
2.0
∆S23
Ripple (p-p) in Receive Band
dB
0.6
1.0
∆S23
Ripple (p-p) in Any 5 MHz Channel within Receive Band
dB
–
0.5
S22
Return Loss of Receive Port in Receive Band
dB
10
16
S23
Attenuation 0 – 1900 mHz
dB
30
50
S23
Attenuation in Transmit Band (1920 – 1980 mHz)
dB
53
61
S23
Attenuation in Bluetooth Band (2400 – 2500 mHz)
dB
40
54
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band (1920 – 1980 mHz) -30° to +25°C
dB
1.1
1.5
S31
Insertion Loss in Transmit Band (1920 – 1980 mHz) +25° to +85°C
dB
1.1
1.6
∆S31
Ripple (p-p) in Transmit Band
dB
0.4
1.0
∆S31
Ripple (p-p) in Any 5 mHz Channel within Transmit Band
dB
–
0.5
S11
Return Loss of Transmit Port in Transmit Band
dB
10
20
S31
Attenuation 0 – 1800 mHz
dB
30
44
S31
Attenuation in Receive Band (2110 – 2170 mHz)
dB
41
52
S31
Attenuation in Bluetooth Band (2400 – 2500 mHz)
dB
25
31
S31
Attenuation in Transmit 2nd Harmonic Band (3840 – 3960 mHz)
dB
25
36
S31
Attenuation in Transmit 3rd Harmonic Band (5760 – 5940 mHz)
dB
15
17
Antenna Port
S33
Return Loss of Antenna Port in Transmit and Receive Bands
dB
10
17
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Transmit Band (1920 – 1980 mHz)
dB
53
62
S21
Tx-Rx Isolation in Receive Band (2110 – 2170 mHz)
dB
43
52
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the duplexer where it makes contact with the circuit board.
2. Specifications guaranteed over the given temperature range (unless otherwise noted) with the input power to the Tx port equal to or less than
+29 dBm over all Tx frequencies.
3. Typical data is the arithmetic mean value of the parameter over its indicated frequency range at the specified temperature. Typical values may
vary from part to part and over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com