Electronic Components Datasheet Search
  English  ▼

X  

HFBR-5903 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5903
Description  Manufactured in an ISO 9002 certifi ed facility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5903 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-5903 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5903 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
DATA OUT
SIGNAL
DETECT
DATA IN
QUANTIZER IC
LED DRIVER IC
PIN PHOTODIODE
PRE-AMPLIFIER
SUBASSEMBLY
LED OPTICAL
SUBASSEMBLY
DATA OUT
DATA IN
MT-RJ
RECEPTACLE
RX SUPPLY
TX SUPPLY
RX GROUND
TX GROUND
The HFBR-5903 is also useful for both ATM 100 Mb/s inter
faces and Fast Ethernet 100 Base-FX interfaces. The ATM
Forum User-Network Interface (UNI) Standard, Version
3.0, defines the Physical Layer for 100 Mb/s Multimode
Fiber Interface for ATM in Section 2.3 to be the FDDI PMD
Standard. Likewise, the Fast Ethernet Alliance defines the
Physical Layer for 100 Base-FX for Fast Ethernet to be the
FDDI PMD Standard.
ATM applications for physical layers other than 100 Mb/s
Multimode Fiber Interface are supported by Avago
Technologies. Products are available for both the single-
mode and the multimode fiber SONET OC-3c (STS-3c),
SDH (STM-1) ATM interfaces and the 155 Mb/s-194 logic
output and the Signal Detect function. The Data output
is differential. The Signal Detect output is single-ended.
Both Data and Signal Detect outputs are PECL compat-
ible, ECL referenced (shifted) to a +3.3 V power supply.
The receiver outputs, Data Out and Data Out Bar, are
squelched at Signal Detect Deassert. That is, when the
light input power decreases to a typical -38 dBm or less,
the Signal Detect Deasserts, i.e. the Signal Detect output
goes to a PECL low state. This forces the receiver outputs,
Data Out and Data Out Bar to go to steady PECL levels
High and Low respectively.
Package
The overall package concept for the Avago Technologies
transceiver consists of the following basic elements; two
optical subassemblies, an electrical subassembly and the
housing as illustrated in Figure 1.
The package outline drawing and pin out are shown in
Figures 2 and 3. The details of this package outline and
pin out are compliant with the multisource definition of
the 2 x 5 DIP. The low profile of the Avago Technologies
transceiver design complies with the maximum height
allowed for the MT-RJ connector over the entire length of
the package.
The optical subassemblies utilize a high-volume assembly
process together with low-cost lens elements which result
in a cost-effective building block.
The electrical subassembly consists of a high volume
multilayer printed circuit board on which the IC and
various surface-mounted passive circuit elements are
attached.
The receiver section includes an internal shield for the elec-
trical and optical subassemblies to ensure high immunity
to external EMI fields.
The outer housing is electrically conductive. The MT-RJ
port is molded of filled nonconductive plastic to provide
mechanical strength and electrical isolation. The solder
posts of the Avago Technologies design are isolated from
the internal circuit of the transceiver.
The transceiver is attached to a printed circuit board with
the ten signal pins and the two solder posts which exit
the bottom of the housing. The two solder posts provide
the primary mechanical strength to withstand the loads
imposed on the transceiver by mating with the MT-RJ
connectored fiber cables.
Figure 1. Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com