Electronic Components Datasheet Search
  English  ▼

X  

FW802C Datasheet(PDF) 21 Page - Agere Systems

Part # FW802C
Description  FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802C Datasheet(HTML) 21 Page - Agere Systems

Back Button FW802C Datasheet HTML 16Page - Agere Systems FW802C Datasheet HTML 17Page - Agere Systems FW802C Datasheet HTML 18Page - Agere Systems FW802C Datasheet HTML 19Page - Agere Systems FW802C Datasheet HTML 20Page - Agere Systems FW802C Datasheet HTML 21Page - Agere Systems FW802C Datasheet HTML 22Page - Agere Systems FW802C Datasheet HTML 23Page - Agere Systems FW802C Datasheet HTML 24Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Agere Systems Inc.
21
Data Sheet, Rev. 1
October 2002
Two-Cable Transceiver/Arbiter Device
FW802C Low-Power PHY
IEEE 1394A-2000
Internal Register Configuration (continued)
The meaning of the register fields with the port status page are defined by Table 11 below.
Table 11. PHY Register Port Status Page Fields
Field
Size Type
Power Reset
Value
Description
AStat
2
r
—
TPA line state for the port:
002 = invalid
012 = 1
102 = 0
112 = Z
BStat
2
r
—
TPB line state for the port (same encoding as AStat).
Child
1
r
0
If equal to one, the port is a child; otherwise, a parent. The
meaning of this bit is undefined from the time a bus reset is
detected until the PHY transitions to state T1: Child Hand-
shake during the tree identify process (see Section 4.4.2.2 in
IEEE Standard 1394-1995).
Connected
1
r
0
If equal to one, the port is connected.
Bias
1
r
0
If equal to one, incoming TPBIAS is detected.
Disabled
1
rw
0
If equal to one, the port is disabled.
Negotiated_speed
3
r
000
Indicates the maximum speed negotiated between this PHY
port and its immediately connected port; the encoding is the
same as for the PHY register Max_speed field.
Int_enable
1
rw
0
Enable port event interrupts. When set to one, the PHY will
set Port_event to one if any of connected, bias, disabled, or
fault (for this port) change state.
Fault
1
rw
0
Set to one if an error is detected during a suspend or resume
operation. A write of one to this bit clears it to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com