Electronic Components Datasheet Search
  English  ▼

X  

HLMP-HM71 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM71
Description  Green and Blue 5mm Standard Oval LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM71 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HM71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Avago Technologies
- 2 -
HLMP-HM70/HM71, HLMP-HB70/HB71
Data Sheet
Device Selection Guide
Device Selection Guide
Part Numbering System
Note: Refer to AB 5337 for complete information on the part numbering system.
Part Number
Color and Dominant
Wavelength
d
(nm), Typa
a.
The dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Luminous Intensity
Iv (mcd) at 20 mAb,c,d
b.
The luminous intensity is measured on the mechanical axis of the lamp package, and it is tested with pulsing condition.
c.
The optical axis is closely aligned with the package mechanical axis.
d.
Tolerance for each intensity bin limit is ±15%.
Standoff
Package
Drawing
Min
Max
HLMP-HB70-TVBDD
Blue 470
800
1380
No
A
HLMP-HB70-TVCDD
Blue 470
800
1380
No
A
HLMP-HB71-TVBDD
Blue 470
800
1380
Yes
B
HLMP-HB71-TVCDD
Blue 470
800
1380
Yes
B
HLMP-HM70-23BDD
Green 525
3500
5040
No
A
HLMP-HM70-23CDD
Green 525
3500
5040
No
A
HLMP-HM71-23BDD
Green 525
3500
5040
Yes
B
HLMP-HM71-23CDD
Green 525
3500
5040
Yes
B
Packaging Option
DD: Ammopack
Color Bin Selection
B: Color bin 2 and 3
C: Color bin 3 and 4
Maximum Intensity Bin
Refer to Device Selection Guide.
Minimum Intensity Bin
Refer to Device Selection Guide.
Standoff/Non Standoff
70: Without Standoff
71: With Standoff
Color
B: Blue
M: Green
Package
H: 5mm Standard Oval 40° x 100°
HLMP-H x xx – x x x x x



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com