Electronic Components Datasheet Search
  English  ▼

X  

MHR Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # MHR
Description  Small size and low mass core
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MHR Datasheet(HTML) 3 Page - TE Connectivity Ltd

  MHR Datasheet HTML 1Page - TE Connectivity Ltd MHR Datasheet HTML 2Page - TE Connectivity Ltd MHR Datasheet HTML 3Page - TE Connectivity Ltd MHR Datasheet HTML 4Page - TE Connectivity Ltd MHR Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MHR SERIES
Miniature General Purpose AC LVDT
SENSOR SOLUTIONS /// MHR Series Rev. 8
5/2016
Page 3
ENVIRONMENTAL SPECIFICATIONS & MATERIALS
Operating temperature
-65°F to +300°F [-55°C to 150°C]
Shock survival
1,000 g (11ms half-sine)
Vibration tolerance
20 g up to 2KHz
Housing material
AISI 400 Series stainless steel
Electrical connection
Six lead-wires, 32 AWG stranded Copper, PTFE insulated, 1 foot [0.3m] long (longer wires optional)
IEC 60529 rating
IP61
Notes:
All values are nominal unless otherwise noted
Electrical specifications are for the test frequency indicated in the table
Dimensions are in inch [mm] unless otherwise noted
FR: Full Range is the stroke range, end to end; FR=2xS for ±S stroke range
FRO (Full Range Output): Algebraic difference in outputs measured at the ends of the range
MECHANICAL SPECIFICATIONS
Parameter
MHR 005
MHR 010
MHR 025
MHR 050
MHR 100
MHR 250
MHR 500
MHR 1000
MHR 2000
Body length “A”
0.375
[9.5]
0.535
[13.6]
0.660
[16.8]
0.815
[20.7]
0.990
[25.1]
1.850
[47.0]
3.300
[83.82]
5.600
[142.2]
8.000
[203.2]
Core length “B”
0.180
[4.6]
0.233
[5.9]
0.400
[10.2]
0.500
[12.7]
0.625
[15.9]
1.125
[28.6]
2.000
[50.8]
3.000
[76.2]
3.00
[76.2]
Body weight
oz
[g]
0.07
[2]
0.11
[3]
0.18
[5]
0.21
[6]
0.21
[6]
0.32
[9]
0.60
[17]
0.92
[26]
1.4
[40]
Core weight
oz
[g]
0.004
[0.1]
0.007
[0.2]
0.016
[0.5]
0.016
[0.5]
0.025
[0.7]
0.032
[0.9]
0.056
[1.6]
0.088
[2.5]
0.088
[2.5]
Dimensions are in inch [mm]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com