| Electronic Components Datasheet Search |
|
MAX17211G Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17211G Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 24 page ![]() Maxim Integrated │ 2 www.maximintegrated.com Evaluate: MAX17201/MAX17211 MAX17201G/MAX17201X/ MAX17211G/MAX17211X Evaluation Kits 5) Make connections to the EV kit board based on cell pack configuration as shown in Figure 1. The cell connects between the BAT- and BAT+ pads and the charger/load connect between the PACK- and PACK+ pads. The load or charger circuit can be connected at this time as well. 6) Connect the RJ-11 cable between the USB adapter and the EV kit board. The GUI software establishes communication automatically. 7) If the IC has not been configured, run the Configura- tion Wizard in the EV kit software to configure op- eration for the desired application circuit and lithium cell type. Configuration information is permanently saved inside the IC. Detailed Description of Hardware The MAX17201/MAX17211 EV kit boards provide a vari- ety of features that highlight the functionality of the ICs. The following sections detail the most important aspects of the kit boards. Communication Connections The RJ-11 connector provides all signal lines necessary for I2C, SMBus, 1-Wire, or 1-Wire overdrive communica- tion between the IC and the software GUI interface. When developing code separately, connections to the commu- nication lines can be made directly to the board. Table 1 summarizes the connections that should be made. The user must apply the appropriate external pullup resistors to the communication lines when not using the DS91230+ communication interface. External Thermistors The MAX17201/MAX17211 can be configured to use up to two external thermistors. All EV kit boards come with these thermistors installed as surface mount components RT1 and RT2. If the application requires direct thermal contact to the cells, RT1 and RT2 can be removed and replaced with leaded thermistors connected between the RT1+/RT1- and RT2+/RT2- solder pads. Figure 1. MAX17201/MAX17211 Board Connections Table 1. Communication Line Solder Points MAX17201/MAX17211 J5 BAT- PROTECTOR CIRCUIT CELL CHARGER/ LOAD J14 PACK- RJ-11 PC J4 CELLx J10 RT1- J11 RT1+ J12 RT2+ J13 RT2- J2 ALRT1 J1 BAT+ J6 PACK+ J7 SCL/OD J8 SDA/DQ COMMUNICATION MODE MAX17201 J7 MAX17201 J8 MAX17211 J7 MAX17211 J8 I2C SCL SDA N/A N/A 1-Wire N/A N/A Logic-low DQ 1-Wire Overdrive N/A N/A Logic-high DQ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |