Electronic Components Datasheet Search
  English  ▼

X  

MAX17201X Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17201X
Description  Battery charger or power supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17201X Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17201X Datasheet HTML 16Page - Maxim Integrated Products MAX17201X Datasheet HTML 17Page - Maxim Integrated Products MAX17201X Datasheet HTML 18Page - Maxim Integrated Products MAX17201X Datasheet HTML 19Page - Maxim Integrated Products MAX17201X Datasheet HTML 20Page - Maxim Integrated Products MAX17201X Datasheet HTML 21Page - Maxim Integrated Products MAX17201X Datasheet HTML 22Page - Maxim Integrated Products MAX17201X Datasheet HTML 23Page - Maxim Integrated Products MAX17201X Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Maxim Integrated │ 21
www.maximintegrated.com
Evaluate: MAX17201/MAX17211
MAX17201G/MAX17201X/
MAX17211G/MAX17211X
Evaluation Kits
MAX17201X/MAX17211X Bill of Materials
PART
QTY
DESCRIPTION
C1
1
0.1uF ±10%, 50V X7R ceramic capacitor (0402)
C2
1
1000pF ±10%, 50V X7R ceramic capacitor (0402), not populated
C3
1
1000pF ±10%, 50V X7R ceramic capacitor (0402)
C4
1
0.47uF ±10%, 25V X5R ceramic capacitor (0402)
R1
1
10Ω ±1%, resistor (0402)
R2
1
51.1KΩ ±1%, resistor (0402)
R4, R5
2
1KΩ ±1%, resistor (0402)
R6-R10
5
150Ω ±1%, resistor (0402)
R11, R12
2
10kΩ ±1%, resistor (0402)
R13
1
0Ω resistor (0402)
R14
1
0Ω resistor (0402), not populated
R15
1
0.010Ω ±1%, resistor (0805)
R16
1
0Ω resistor (0805), not populated
RT1, RT2
2
Thermistor 10K NTC (0402) Murata NCP15XH103F03
D2-D4
2
5.6V Zener Diode (SOD323)
J1-J2, J4-J8, J10-J14
12
Plated through hole solder pad (16g wire)
J9
1
RJ-11,R/A,6-POSITION/6-CONTACTS
J15
1
Exposed copper trace jumper
U1
1
MAX17201X/MAX17211X Li+ fuel gauge WLP 15 pin
1
PCB: MAX17201XEVKIT/MAX17211XEVKIT
1
USB-to-RJ11 board DS91230+
1
RJ11 6pos-6pos reverse modular cord 6ft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com