Electronic Components Datasheet Search
  English  ▼

X  

20EJS1 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 20EJS1
Description  Cost-effective Medium Performance Power Inlet Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

20EJS1 Datasheet(HTML) 7 Page - TE Connectivity Ltd

  20EJS1 Datasheet HTML 1Page - TE Connectivity Ltd 20EJS1 Datasheet HTML 2Page - TE Connectivity Ltd 20EJS1 Datasheet HTML 3Page - TE Connectivity Ltd 20EJS1 Datasheet HTML 4Page - TE Connectivity Ltd 20EJS1 Datasheet HTML 5Page - TE Connectivity Ltd 20EJS1 Datasheet HTML 6Page - TE Connectivity Ltd 20EJS1 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Cost-effective Medium Performance Power Inlet Filter (continued)
3
159
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  

    
  
 

        

       

    


    

  


    
 

        


      

    


    



    
Differential Mode / Symmetrical (Line to Line)
 
  

      

 


      

      

      

      

      

      
 

       


      


    


    



    

 
  

 
      

       

      

      

  

  


   
 
  

 
      

        

        

        

       

        
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
EJM & EJMS Models
EJMS1
EJM1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com