Electronic Components Datasheet Search
  English  ▼

X  

DAP202K Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DAP202K
Description  Ultra high speed switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DAP202K Datasheet(HTML) 3 Page - Diodes Incorporated

  DAP202K Datasheet HTML 1Page - Diodes Incorporated DAP202K Datasheet HTML 2Page - Diodes Incorporated DAP202K Datasheet HTML 3Page - Diodes Incorporated DAP202K Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DAN222M/DAN222/DAN202U/DAN202K
Diodes
DAP222M/DAP222/DAP202U/DAP202K
DA227
3/3
Electrical characteristic curves (Ta=25
°C)
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE :Ta (ºC)
Fig.1 Power attenuation curve
−30ºC
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
0ºC
Ta=85ºC
25ºC
50ºC
FORWARD VOLTAGE : VF
(V)
1.4
1.6
Fig.2 Forward characteristics
(P Type)
Ta=100ºC
0
75ºC
50ºC
25ºC
0ºC
−25ºC
1000
100
10
0.1
0.01
10
20
30
40
50
REVERSE VOLTAGE : VR
(V)
1
Fig.3 Reverse characteristics
(P Type)
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
0ºC
−30ºC
Ta=85ºC
50ºC
25ºC
1.4
1.6
FORWARD VOLTAGE : VF
(V)
Fig.4 Forward characteristics
(N Type)
REVERSE VOLTAGE : VR
(V)
Fig.5 Reverse characteristics
(N Type)
0.01
100
1000
10
0.1
1
10
20
30
40
80
70
60
50
0
Ta
=100°C
75
°C
50
°C
25
°C
−25°C
0
°C
0
0
4
2
2
4
6
8
10 12 14 16
P Type
N Type
f=1MHz
REVERSE VOLTAGE : VR
(V)
18 20
Fig.6 Capacitance between
terminals characteristics
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
P Type
N Type
VR
=6V
FORWARD CURRENT : IF
(mA)
Fig.7 Reverse recovery time
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01µF
100ns
INPUT
D.U.T.
trr
OUTPUT
0
5
Ω
Fig.8 Reverse recovery time (trr) measurement circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com