Electronic Components Datasheet Search
  English  ▼

X  

HA12240FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA12240FP
Description  Bus Interface Driver/Receiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12240FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA12240FP Datasheet HTML 1Page - Renesas Technology Corp HA12240FP Datasheet HTML 2Page - Renesas Technology Corp HA12240FP Datasheet HTML 3Page - Renesas Technology Corp HA12240FP Datasheet HTML 4Page - Renesas Technology Corp HA12240FP Datasheet HTML 5Page - Renesas Technology Corp HA12240FP Datasheet HTML 6Page - Renesas Technology Corp HA12240FP Datasheet HTML 7Page - Renesas Technology Corp HA12240FP Datasheet HTML 8Page - Renesas Technology Corp HA12240FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HA12240FP
Rev.1.0, Dec.01.2003, page 4 of 23
Electrical Characteristics (cont.)
(VCC = 5.0 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Test
Pin
Test
Circuit
High-level input voltage
(1)
VIH1
—
80
110
mV
V6 = 0
→5 V, Pin2 = 4 V or more,
V1 = 0 V, V3 = 0 V, V5 = 0 V,
VIH1 = V6 – V5
2
High-level input voltage
(2)
VIH2
—
80
110
mV
V6 = 0
→5 V, Pin2 = 4 V or more,
V1 = 0 V, V3 = 0 V, V5 = 4.5 V,
VIH2 = V6 – V5
2
Low-level input voltage
(1)
VIL1
30
50
—
mV
V6 = 5
→0 V, Pin2 = 1 V or less,
V1 = 0 V, V3 = 0 V, V5 = 0 V,
VIL1 = V6 – V5
2
Low-level input voltage
(2)
VIL2
30
50
—
mV
V6 = 5
→0 V, Pin2 = 1 V or less,
V1 = 0 V, V3 = 0 V, V5 = 4.5 V,
VIL2 = V6 – V5
2
Fig. 2
Input hysteresis
voltage (1)
VIHYS1
15
30
45
mV
VIHYS1 = VIH1 – VIL1
Input hysteresis
voltage (2)
VIHYS2
15
30
45
mV
VIHYS2 = VIH2 – VIL2
High-level common-
mode input voltage
VIHCOM
4.5
—
—
V
V5 = 0
→5 V, V5 when pin2 = 4 V
or less, V1 = 0 V, V3 = 0 V,
V6 – V5 = 110 mV
5
Low-level common-
mode input voltage
VILCOM
5
—
—
V
V5 = 0
→5 V, V5 when pin2 = 0.3
V or more, V1 = 0 V, V3 = 0 V,
V6 – V5 = 30 mV
5
Fig. 2
Input resistance *
1
RI
25
35
45
k
Ω
V1 = 0 V, V3 = 0 V, V8 = 5 V,
RI = 0.6 V/(I6A – I6B)
5, 6
Fig. 3
High-level output
leakage current 1
IOH1
—
—
1
µA
V1 = 5 V, V3 = 0 V, V8 = 5 V
2
High-level output
leakage current 2
IOH2
—
—
1
µA
VCC = 0 V, V1,V3,V8 = 0 V
2
High-level output
leakage current 3
IOH3
—
—
1
µA
V1,V3,V8 = 0 V
2
Low-level output
voltage 1
VOL1
—
—
0.6
V
V1 = 0 V, V3 = 0 V, V8 = 5 V,
Adjust VRL to make apply current =
1.5 mA
2
Receiver
Low-level output
voltage 2
VOL2
—
—
0.3
V
V1 = 0 V, V3 = 0 V, V8 = 5 V,
Adjust VRL to make apply current =
200
µA
2
Fig. 1
Quiescent current 1
ICCH
4.5
6.5
8.5
mA
V1 = 5 V, V3 = 0 V
7
Fig. 1
Quiescent current 2
ICCL
1.05
1.46
1.87
mA
V1 = 0 V, V3 = 0 V
7
Fig. 1
Driver delay time (L
→H)
TTR1
—
100
300
ns
See operating waveform figure
5, 6
Driver delay time (H
→L)
TTR2
—
100
300
ns
See operating waveform figure
5, 6
Receiver delay time (L
→H)
TDLY1
—
600
1200
ns
See operating waveform figure
2
Receiver delay time (H
→L)
TDLY2
—
200
600
ns
See operating waveform figure
2
Fig. 5
Note:
1. Measure the current when V6 = (VOP+) + 0.3 V to make I6A and measure the current when V6 = (VOP+) – 0.3
V to make I6B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com