Electronic Components Datasheet Search
  English  ▼

X  

G951 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G951
Description  1A, Low-Dropout Linear Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G951 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G951 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Nov 25, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G951-XX
Global Mixed-mode Technology Inc.
1A, Low-Dropout Linear Regulators
Features
Output current in excess of 1A
Output voltage accuracy ±2%
Quiescent current, typically 1.8mA
Internal short circuit current limit
Internal over temperature protection
Applications
PC motherboard
ADSL/Cable Modem
Set-Top-Box
LAN switch/Hub
Router
General Description
The G951 is a low-dropout linear regulator that fea-
tures the ability to source 1A of output current. The
typical quiescent current is 1.8mA.
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions.
Ordering Information
PIN OPTION
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
1
2
3
G951-10T45U
951-10T45
-40°C~85°C
TO-252
VIN
GND
VOUT
G951-25T45U
951-25T45
-40°C~85°C
TO-252
VIN
GND
VOUT
G951-10T45D
951-10T45
-40°C~85°C
TO-252
VIN
GND
VOUT
G951-25T45D
951-25T45
-40°C~85°C
TO-252
VIN
GND
VOUT
G951-10T55U
951-10T55
-40°C~85°C
TO-263
VIN
GND
VOUT
G951-25T55U
951-25T55
-40°C~85°C
TO-263
VIN
GND
VOUT
G951-10T65U
951-10T65
-40°C~85°C
SOT-223
VIN
GND
VOUT
G951-25T65U
951-25T65
-40°C~85°C
SOT-223
VIN
GND
VOUT
* For other package types and pin options, please contact us at sales@gmt.com.tw
Order Number Identification
GXXX-XX
XX
X
X
Packing Type
Pin Option
Package Type
Voltage
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T4 : TO-252
1
2
3
U & D : Tape & Reel
T5 : TO-263
1 : VOUT
GND
VIN
T6 : SOT-223
2 : VOUT
VIN
GND
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Package Type
Typical Application
[Note 4]: Type of COUT
G951-XX
C1
1µF
IQ
VIN
VOUT
I
O
COUT
10µF
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252
TO-263
1
2
3
Top View
G951-XX
C1
1µF
IQ
VIN
VOUT
I
O
COUT
10µF
Top View
1
2
3
SOT-223
Top View
1
2
3
SOT-223
Top View
1
2
3
TO-252
TO-263
1
2
3
Top View


Similar Part No. - G951

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results

Similar Description - G951

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
1A Low Dropout Voltage Regulators
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
1A Low Dropout CMOS Linear Regulators
logo
Fairchild Semiconductor
FAN1537B FAIRCHILD-FAN1537B Datasheet
347Kb / 8P
Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
1A Low Dropout Voltage Regulators
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com