Electronic Components Datasheet Search
  English  ▼

X  

HCPL47XX Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL47XX
Description  Very Low Power Consumption High Gain Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL47XX Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL47XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL47XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Description
These devices are very low power
consumption, high gain single
and dual channel optocouplers.
The HCPL-4701 represents the
single channel 8-Pin DIP configu-
ration and is pin compatible with
the industry standard 6N139. The
HCPL-4731 represents the dual
channel 8-Pin DIP configuration
and is pin compatible with the
popular standard HCPL-2731.
The HCPL-070A and HCPL-073A
are the equivalent single and dual
channel products in an SO-8
footprint. Each channel can be
driven with an input current as
low as 40
µA and has a typical
current transfer ratio of 3500%.
These high gain couplers use an
AlGaAs LED and an integrated
high gain photodetector to
provide an extremely high
current transfer ratio between
input and output. Separate pins
for the photodiode and output
stage results in TTL compatible
saturation voltages and high
speed operation. Where desired,
the VCC and VO terminals may be
tied together to achieve conven-
tional Darlington operation
(single channel package only).
These devices are designed for
use in CMOS, LSTTL or other low
power applications. They are
especially well suited for ISDN
telephone interface and battery
operated applications due to the
low power consumption. A 700%
minimum current transfer ratio is
guaranteed from 0
°C to 70°C
operating temperature range at
40
µA of LED current and
VCC ≥ 3V.
The SO-8 does not require
“through holes” in a PCB. This
package occupies approximately
one-third the footprint area of the
standard dual-in-line package.
The lead profile is designed to be
compatible with standard surface
mount processes.
Selection Guide
Widebody
8-Pin DIP
Package
Hermetic
(300 Mil)
Small Outline SO-8
(400 mil)
Single and
Dual
Single
Dual
Minimum
Absolute
Dual
Single
Channel
Channel
Channel
Single
Input ON
Maxi-
Channel
Channel
Package
Package
Package
Channel
Current
Minimum
mum
Packages
Package
HCPL-
HCPL-
HCPL-
Package
(IF)
CTR
VCC
HCPL-
6N139[1]
2731[1]
0701[1]
0731[1]
HCNW139[1]
0.5 mA
400%
18 V
6N138[1]
2730[1]
0700[1]
0730[1]
HCNW138[1]
1.6 mA
300%
7 V
HCPL-4701
4731
070A
0730A
40
µA
800%
18 V
0.5 mA
300%
20 V
5701[1]
5700[1]
5731[1]
5730[1]
Notes:
1. Technical data are on separate Agilent publication.
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-4701#XXX
020 = 5000 V rms/1 minute UL Rating Option.**
060 = VDE 0884 VIORM = 630 V peak Option†
300 = Gull Wing Surface Mount Option.*
500 = Tape and Reel Packaging Option.
*Gull wing surface mount option applies to through hole parts only.
**For HCPL-4701 and HCPL-4731 (8-Pin DIP products) only.
†For HCPL-4701 only. Combination of Option 020 and Option 060 is not available.
Option data sheets available. Contact your Agilent sales representative or authorized distributor for
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com