Electronic Components Datasheet Search
  English  ▼

X  

HCPL-3160 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-3160
Description  2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3160 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-3160 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-214
Parameter
Symbol
Min.
Typ.*
Max.
Units
Conditions
Logic Low
INPUT
0.8
V
Voltages
RESET
FAULT
ENABLE
Logic High
INPUT
2.0
V
Voltages
RESET
FAULT
ENABLE
High Level
IOH
0.5
1.5
A
VO = VCC2 -4 V
Output Current
2.0
A
VO = VCC2 15 V
Low Level
IOL
0.5
2.0
A
VO = VEE + 2.5 V
Output Current
2.0
A
VO = VEE + 15
High Level
VOH
VCC2-4 VCC2-3
V
IO = -100 mA
Output Voltage
Low Level
VOL
0.1
0.5
V
IO = 100 mA
Output Voltage
High Level Supply
ICC1H
12
mA
Vin = 5 V, VCC1 = 5 V
Current
High Level
ICC1L
2
mA
Vin = 0 V, VCC1 = 5 V
Supply Current
High Level
ICC2H
3
7
mA
output open
Supply Current
Low Level
ICC2L
3
7
mA
output open
Supply Current
Blanking Capacitor
ICHG
0.2
0.32
0.45
mA
Vdesat = 0 V
Charging Current
Blanking Capacitor
IDSCHG
60
mA
Vdesat = 7 V
Discharge Current
UVLO Threshold
VUVLO+
13.0
13.4
V
VCC2 = 1.0 ms ramp,
(10.9) (12.5)
VO > 5 V
VUVLO-
11.2
11.6
V
VCC2 = 1.0 ms ramp,
(8.7)
(9.5)
VO > 5 V
UVLO Hysteresis
VUVLO+ -
1.4
V
VUVLO-
Desaturation Trip
VDESAT
6.0
7.0
8.0
V
Voltage
Preliminary Electrical Specifications (DC)
Over recommended operating conditions (TA = -40 to 100°C) unless otherwise specified.
*All typical values at TA = 25°C and VCC2 - VEE = 30 V, unless otherwise noted.
1) V
UVLO+ and VUVLO- are specified as the VCC2 at which VO exceeds 5 V. The approximate output voltage just prior/after the UVLO
transition is given in parenthesis.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com