Electronic Components Datasheet Search
  English  ▼

X  

MJD243 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD243
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD243 Datasheet HTML 1Page - ON Semiconductor MJD243 Datasheet HTML 2Page - ON Semiconductor MJD243 Datasheet HTML 3Page - ON Semiconductor MJD243 Datasheet HTML 4Page - ON Semiconductor MJD243 Datasheet HTML 5Page - ON Semiconductor MJD243 Datasheet HTML 6Page - ON Semiconductor MJD243 Datasheet HTML 7Page - ON Semiconductor MJD243 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2016 − Rev. 17
1
Publication Order Number:
MJD243/D
MJD243(NPN),
MJD253(PNP)
Complementary Silicon
Plastic Power Transistors
DPAK−3 for Surface Mount Applications
Designed for low voltage, low−power, high−gain audio amplifier
applications.
Features
• High DC Current Gain
• Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
• Straight Lead Version in Plastic Sleeves (“−1” Suffix)
• Low Collector−Emitter Saturation Voltage
• High Current−Gain − Bandwidth Product
• Annular Construction for Low Leakage
• Epoxy Meets UL 94 V−0 @ 0.125 in
• NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Base Voltage
VCB
100
Vdc
Collector−Emitter Voltage
VCEO
100
Vdc
Emitter−Base Voltage
VEB
7.0
Vdc
Collector Current − Continuous
IC
4.0
Adc
Collector Current − Peak
ICM
8.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
12.5
0.1
W
W/
°C
Total Device Dissipation
@ TA = 25°C (Note 2)
Derate above 25
°C
PD
1.4
0.011
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +150
°C
ESD − Human Body Model
HBM
3B
V
ESD − Machine Model
MM
C
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. When surface mounted on minimum pad sizes recommended.
IPAK
CASE 369D
STYLE 1
4.0 A, 100 V, 12.5 W
POWER TRANSISTOR
MARKING DIAGRAMS
A
= Assembly Location
Y
= Year
WW
= Work Week
x
= 4 or 5
G
= Pb−Free Package
DPAK−3
CASE 369C
STYLE 1
www.onsemi.com
AYWW
J2x3G
AYWW
J253G
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
DPAK
IPAK
COMPLEMENTARY
1
BASE
3
EMITTER
COLLECTOR
2, 4
1
BASE
3
EMITTER
COLLECTOR
2, 4
1 2
3
4
1
2
3
4


Similar Part No. - MJD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD243 MOTOROLA-MJD243 Datasheet
209Kb / 6P
NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJD243 ONSEMI-MJD243 Datasheet
124Kb / 8P
Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
MJD243 ONSEMI-MJD243 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD243 ONSEMI-MJD243 Datasheet
149Kb / 8P
Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
More results

Similar Description - MJD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com