Electronic Components Datasheet Search
  English  ▼

X  

HD29050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HD29050
Description  Dual Differential Line Drivers / ReceiversWith 3 State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HD29050 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings
HD29050
Recommended Operating Conditions
Notes: 1. All voltage values except for differential input voltage are with respect to network ground terminal.
2. Differential input voltage is measured at the noninverting input with respect to the
corresponding inverting input.
3. Only receiver
4. Only driver
5. Z state
6. The absolute maximum ratings are values which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
Item
Supply Voltage
Differential Input Voltage
Storage Temperature Range
Enable Input Voltage
Output Current
Input Voltage A , B
Input Voltage
Operating Temperature Range
Output Applied Voltage
Ratings
0 to 70
±25
7
±25
50
–1.0 to 7.0
5.5
5.5
–65 to 150
Unit
V
V
V
mA
V
°C
°C
V
V
Symbol
VCC
VIN
VID
IO
Tstg
Topr
VO
VIE
VIN
*1
*2
*3
*4
*5
*3
*3
*4
Item
Supply Voltage
In Phase Input Voltage
Operating Temperature
Differential Input Voltage
Enable Input Voltage
Input Voltage
Symbol
VCC
VIC
Topr
VID
VIE
VIN
Min
4.75
–7.0
–6.0
0
0
0
Typ
5.0
25
Max
5.25
6.0
5.25
5.25
12
70
Unit
V
°C
V
V
V
V
Notes: 1. Only receiver
2. Only driver
*1
*2
*1
HD29050



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com