Electronic Components Datasheet Search
  English  ▼

X  

MUN2136 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2136
Description  Digital Transistors (BRT)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2136 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2136 Datasheet HTML 1Page - ON Semiconductor MUN2136 Datasheet HTML 2Page - ON Semiconductor MUN2136 Datasheet HTML 3Page - ON Semiconductor MUN2136 Datasheet HTML 4Page - ON Semiconductor MUN2136 Datasheet HTML 5Page - ON Semiconductor MUN2136 Datasheet HTML 6Page - ON Semiconductor MUN2136 Datasheet HTML 7Page - ON Semiconductor MUN2136 Datasheet HTML 8Page - ON Semiconductor MUN2136 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MUN2136, MMUN2136L, MUN5136, DTA115EE, DTA115EM3
www.onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter−Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
−
−
0.05
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 5.0 mA, VCE = 10 V)
hFE
80
150
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
−
−
0.25
Vdc
Input Voltage (off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
−
1.2
0.5
Vdc
Input Voltage (on)
(VCE = 0.3 V, IC = 1.0 mA)
Vi(on)
3.0
1.6
−
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
VOL
−
−
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
−
−
Vdc
Input Resistor
R1
70
100
130
kW
Resistor Ratio
R1/R2
0.8
1.0
1.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com