Electronic Components Datasheet Search
  English  ▼

X  

AC7-DK Datasheet(PDF) 1 Page - CUI INC

Part # AC7-DK
Description  IEC C5 AC POWER CORD, europe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AC7-DK Datasheet(HTML) 1 Page - CUI INC

  AC7-DK Datasheet HTML 1Page - CUI INC AC7-DK Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cui.com
date 09/17/2013
page 1 of 2
model: AC7-DK
│ description: IEC C5 AC POWER CORD, EuROPE
item
specification
quantity
remark
1
black 50P rubber
1
2
Euro plug
1
3
HO5VV-F 0.75/3G black
1
1,850 ±15 mm
4
black 50P rubber
1
5
98732PS-0 bronze
1
6
98714 bronze
2
7
internal mold black
1
8
twist ties
1
9
PE bag: 250x110x0.6mm
1
mecHanical draWinG
units: mm
RoHS


Similar Part No. - AC7-DK

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AC7-DK CUID-AC7-DK Datasheet
332Kb / 2P
IEC C5 AC POWER CORD, EUROPE
10/25/2022
More results

Similar Description - AC7-DK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2530 SCHURTER-2530 Datasheet
360Kb / 2P
Power Cord with IEC Connector C5, Straight
logo
CUI INC
AC-C7-EU CUI-AC-C7-EU Datasheet
136Kb / 2P
AC CORD, EUROPE
AC8-DK CUI-AC8-DK Datasheet
193Kb / 2P
IEC C5 ac POWER cord, UK
logo
Schurter Inc.
6052.0042 SCHURTER-6052.0042 Datasheet
153Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
logo
Tripp Lite. All Rights ...
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
logo
CUI INC
AC-C7-EU CUI-AC-C7-EU_V01 Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C7EU CUID-AC-C7EU Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
AC7-DK CUID-AC7-DK Datasheet
332Kb / 2P
IEC C5 AC POWER CORD, EUROPE
10/25/2022
AC-C7-EU CUID-AC-C7-EU Datasheet
275Kb / 2P
AC CORD, EUROPE
10/25/2022
AC8-DK CUID-AC8-DK Datasheet
277Kb / 2P
IEC C5 AC POWER CORD, UK
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com