Electronic Components Datasheet Search
  English  ▼

X  

DF1 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF1
Description  2.5mm Pitch Connector for Discrete Wire Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1 Datasheet(HTML) 3 Page - Hirose Electric

  DF1 Datasheet HTML 1Page - Hirose Electric DF1 Datasheet HTML 2Page - Hirose Electric DF1 Datasheet HTML 3Page - Hirose Electric DF1 Datasheet HTML 4Page - Hirose Electric DF1 Datasheet HTML 5Page - Hirose Electric DF1 Datasheet HTML 6Page - Hirose Electric DF1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
B178
DF1 Series
●2.5mm Pitch Connector for Discrete Wire Connection
■ID Socket (Open End Type)
●Applicable Cable
●AWG24 Cable Socket Size (Triangle Mark: Green)
Note:A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag.
(Tin plated annealing copper wire)
Unit: mm
Part Number
CL No.
DF1-2S-2.5R24(05)
DF1-3S-2.5R24(05)
DF1-4S-2.5R24(05)
DF1-5S-2.5R24(05)
DF1-6S-2.5R24(05)
DF1-7S-2.5R24(05)
DF1-8S-2.5R24(05)
DF1-9S-2.5R24(05)
541-0039-2-05
541-0040-1-05
541-0041-4-05
541-0042-7-05
541-0043-0-05
541-0044-2-05
541-0045-5-05
541-0046-8-05
2
3
4
5
6
7
8
9
8
10.5
13
15.5
18
20.5
23
25.5
2.5
5
7.5
10
12.5
15
17.5
20
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1-10S-2.5R24(05)
DF1-11S-2.5R24(05)
DF1-12S-2.5R24(05)
DF1-13S-2.5R24(05)
DF1-14S-2.5R24(05)
DF1-15S-2.5R24(05)
DF1-16S-2.5R24(05)
DF1-20S-2.5R24(05)
541-0047-0-05
541-0048-3-05
541-0049-6-05
541-0050-5-05
541-0051-8-05
541-0052-0-05
541-0053-3-05
541-0057-4-05
10
11
12
13
14
15
16
20
28
30.5
33
35.5
38
40.5
43
53
22.5
25
27.5
30
32.5
35
37.5
47.5
Yes
Number of Contacts
A
B
RoHS
●AWG26 Cable Socket Size (Triangle Mark: Light Blue)
Unit: mm
Part Number
CL No.
DF1-2S-2.5R26(05)
DF1-3S-2.5R26(05)
DF1-4S-2.5R26(05)
DF1-5S-2.5R26(05)
DF1-6S-2.5R26(05)
DF1-7S-2.5R26(05)
DF1-8S-2.5R26(05)
DF1-9S-2.5R26(05)
541-0058-7-05
541-0059-0-05
541-0060-9-05
541-0061-1-05
541-0062-4-05
541-0063-7-05
541-0064-0-05
541-0065-2-05
2
3
4
5
6
7
8
9
8
10.5
13
15.5
18
20.5
23
25.5
2.5
5
7.5
10
12.5
15
17.5
20
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1-10S-2.5R26(05)
DF1-11S-2.5R26(05)
DF1-12S-2.5R26(05)
DF1-13S-2.5R26(05)
DF1-14S-2.5R26(05)
DF1-15S-2.5R26(05)
DF1-16S-2.5R26(05)
DF1-20S-2.5R26(05)
541-0066-5-05
541-0067-8-05
541-0068-0-05
541-0069-3-05
541-0070-2-05
541-0071-5-05
541-0072-8-05
541-0076-9-05
10
11
12
13
14
15
16
20
28
30.5
33
35.5
38
40.5
43
53
22.5
25
27.5
30
32.5
35
37.5
47.5
Yes
Number of Contacts
A
B
RoHS
●AWG28 Cable Socket Size (Triangle Mark: Red)
Unit: mm
Part Number
CL No.
DF1-2S-2.5R28(05)
DF1-3S-2.5R28(05)
DF1-4S-2.5R28(05)
DF1-5S-2.5R28(05)
DF1-6S-2.5R28(05)
DF1-7S-2.5R28(05)
DF1-8S-2.5R28(05)
DF1-9S-2.5R28(05)
541-0115-9-05
541-0116-1-05
541-0117-4-05
541-0118-7-05
541-0119-0-05
541-0120-9-05
541-0121-1-05
541-0122-4-05
2
3
4
5
6
7
8
9
8
10.5
13
15.5
18
20.5
23
25.5
2.5
5
7.5
10
12.5
15
17.5
20
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1-10S-2.5R28(05)
DF1-11S-2.5R28(05)
DF1-12S-2.5R28(05)
DF1-13S-2.5R28(05)
DF1-14S-2.5R28(05)
DF1-15S-2.5R28(05)
DF1-16S-2.5R28(05)
DF1-20S-2.5R28(05)
541-0123-7-05
541-0124-0-05
541-0125-2-05
541-0126-5-05
541-0127-8-05
541-0128-0-05
541-0129-3-05
531-0133-0-05
10
11
12
13
14
15
16
20
28
30.5
33
35.5
38
40.5
43
53
22.5
25
27.5
30
32.5
35
37.5
47.5
Yes
Number of Contacts
A
B
RoHS
Part Number
Applicable Cable
Jacket Diameter
DF1-*S-2.5R24(05) UL1007 AWG24(11 pieces/0.16mm) 1.35 to 1.45mm
DF1-*S-2.5R26(05) UL1007 AWG26( 7 pieces/0.16mm)
1.25 to 1.35mm
DF1-*S-2.5R28(05) UL1007 AWG28( 7 pieces/0.127mm)
1.15 to 1.25mm
Note:This convex portion is located (2 contacts: the center at one point)(3 to 6
contacts: as shown in the illustration)(more than 7 contacts: one center at
one point added to the above illustration).
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com